Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IRFBE30L Fiches technique(PDF) 2 Page - Vishay Siliconix

No de pièce IRFBE30L
Description  Power MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRFBE30L Fiches technique(HTML) 2 Page - Vishay Siliconix

  IRFBE30L Datasheet HTML 1Page - Vishay Siliconix IRFBE30L Datasheet HTML 2Page - Vishay Siliconix IRFBE30L Datasheet HTML 3Page - Vishay Siliconix IRFBE30L Datasheet HTML 4Page - Vishay Siliconix IRFBE30L Datasheet HTML 5Page - Vishay Siliconix IRFBE30L Datasheet HTML 6Page - Vishay Siliconix IRFBE30L Datasheet HTML 7Page - Vishay Siliconix IRFBE30L Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
Document Number: 91119
2
S-81432-Rev. A, 07-Jul-08
IRFBE30S, IRFBE30L, SiHFBE30S, SiHFBE30L
Vishay Siliconix
Note
a. When mounted on 1" square PCB (FR-4 or G-10 material).
Notes
a. Repetitive rating; pulse width limited by maximum junction temperature (see fig. 11).
b. Pulse width
≤ 300 µs; duty cycle ≤ 2 %.
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Maximum Junction-to-Ambient
RthJA
--
62
°C/W
Case-to-Sink, Flat, Greased Surface
RthCS
-0.50-
Maximum Junction-to-Case (Drain)
RthJC
--
1.0
SPECIFICATIONS TJ = 25 °C, unless otherwise noted
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0 V, ID = 250 µA
800
-
-
V
VDS Temperature Coefficient
ΔV
DS/TJ
Reference to 25 °C, ID = 1 mA
-
0.90
-
V/°C
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 µA
2.0
-
4.0
V
Gate-Source Leakage
IGSS
VGS = ± 20 V
-
-
± 100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 800 V, VGS = 0 V
-
-
100
µA
VDS = 640 V, VGS = 0 V, TJ = 125 °C
-
-
500
Drain-Source On-State Resistance
RDS(on)
VGS = 10 V
ID = 2.5 Ab
--
3.0
Ω
Forward Transconductance
gfs
VDS = 100 V, ID = 2.5 A
2.5
-
-
S
Dynamic
Input Capacitance
Ciss
VGS = 0 V,
VDS = 25 V,
f = 1.0 MHz, see fig. 5
-
1300
-
pF
Output Capacitance
Coss
-
310
-
Reverse Transfer Capacitance
Crss
-
190
-
Total Gate Charge
Qg
VGS = 10 V
ID = 4.1 A, VDS = 400 V,
see fig. 6 and 13b
--
78
nC
Gate-Source Charge
Qgs
--
9.6
Gate-Drain Charge
Qgd
--
45
Turn-On Delay Time
td(on)
VDD = 400 V, ID = 4.1 A,
RG = 12 Ω, RD = 95 Ω, see fig. 10b
-12
-
ns
Rise Time
tr
-33
-
Turn-Off Delay Time
td(off)
-82
-
Fall Time
tf
-30
-
Internal Drain Inductance
LD
Between lead,
6 mm (0.25") from
package and center of
die contact
-4.5
-
nH
Internal Source Inductance
LS
-7.5
-
Drain-Source Body Diode Characteristics
Continuous Source-Drain Diode Current
IS
MOSFET symbol
showing the
integral reverse
p - n junction diode
--
4.1
A
Pulsed Diode Forward Currenta
ISM
--
16
Body Diode Voltage
VSD
TJ = 25 °C, IS = 4.1 A, VGS = 0 Vb
--
1.8
V
Body Diode Reverse Recovery Time
trr
TJ = 25 °C, IF = 4.1 A, dI/dt = 100 A/µsb
-
480
720
ns
Body Diode Reverse Recovery Charge
Qrr
-1.8
2.7
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS and LD)
D
S
G
S
D
G


Numéro de pièce similaire - IRFBE30L

FabricantNo de pièceFiches techniqueDescription
logo
International Rectifier
IRFBE30L IRF-IRFBE30L Datasheet
473Kb / 6P
   HEXFET짰 Power MOSFET
logo
Vishay Siliconix
IRFBE30L VISHAY-IRFBE30L Datasheet
511Kb / 11P
   Power MOSFET
09-Jul-2021
IRFBE30L VISHAY-IRFBE30L Datasheet
517Kb / 11P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRFBE30LPBF IRF-IRFBE30LPBF Datasheet
588Kb / 10P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRFBE30LPBF VISHAY-IRFBE30LPBF Datasheet
511Kb / 11P
   Power MOSFET
09-Jul-2021
More results

Description similaire - IRFBE30L

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com