Moteur de recherche de fiches techniques de composants électroniques |
|
LC87F2G08A Fiches technique(PDF) 8 Page - Sanyo Semicon Device |
|
LC87F2G08A Fiches technique(HTML) 8 Page - Sanyo Semicon Device |
8 / 27 page LC87F2G08A No.A1028-8/27 Pin Description Pin Name I/O Description Option VSS1 - - Power supply pin No VDD1 - + Power supply pin No Port 0 P00 to P07 I/O • 8-bit I/O port • I/O specifiable in 4-bit units • Pull-up resistors can be turned on and off in 4-bit units. • HOLD reset input • Port 0 interrupt input • Pin functions P05: System clock output P06: Timer 6 toggle output P07: Timer 7 toggle output P00(AN0) to P06(AN6): AD converter input P05(DBGP00) to P07(DBGP02): On-chip debugger 0 port Yes Port 1 P10 to P17 I/O • 8-bit I/O port • I/O specifiable in 1-bit units • Pull-up resistors can be turned on and off in 1-bit units. • Pin functions P10: SIO0 data output P11: SIO0 data input/bus I/O P12: SIO0 clock I/O P13: SIO1 data output P14: SIO1 data input / bus I/O P15: SIO1 clock I/O / INT3 input (with noise filter) / timer 0 event input / timer 0H capture input P16: Timer 1PWML output / INT2 input/HOLD reset input/timer 0 event input / timer 0L capture input P17: Timer 1PWMH output / beeper output / INT1 input / HOLD reset input / timer 0H capture input P15(DBGP10) to P13(DBGP12): On-chip-debugger 1 port Interrupt acknowledge type Rising Falling Rising & Falling H level L level INT1 INT2 INT3 enable enable enable enable enable enable disable enable enable enable disable disable enable disable disable Yes Port 2 • 2-bit I/O port • I/O specifiable in 1-bit units • Pull-up resistors can be turned on and off in 1-bit units. • Pin functions P20: UART transmit P21: UART receive P20 to P21: INT4 input / HOLD reset input / timer 1 event input / timer 0L capture input / timer 0H capture input Interrupt acknowledge types Rising Falling Rising & Falling H level L level INT4 enable enable enable disable disable P20 to P21 I/O Yes Continued on next page. |
Numéro de pièce similaire - LC87F2G08A |
|
Description similaire - LC87F2G08A |