Moteur de recherche de fiches techniques de composants électroniques |
|
IRF840ALPBF Fiches technique(PDF) 7 Page - Vishay Siliconix |
|
IRF840ALPBF Fiches technique(HTML) 7 Page - Vishay Siliconix |
7 / 8 page Document Number: 91066 www.vishay.com S-81412-Rev. A, 07-Jul-08 7 IRF840AS, IRF840AL, SiHF840AS, SiHF840AL Vishay Siliconix Fig. 14 - For N-Channel Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package/tape drawings, part marking, and reliability data, see http://www.vishay.com/ppg?91066. P.W. Period dI/dt Diode recovery dV/dt Ripple ≤ 5 % Body diode forward drop Re-applied voltage Reverse recovery current Body diode forward current VGS = 10 V* VDD ISD Driver gate drive D.U.T. ISD waveform D.U.T. VDS waveform Inductor current D = P.W. Period + - + + + - - - * VGS = 5 V for logic level devices Peak Diode Recovery dV/dt Test Circuit VDD • dV/dt controlled by R G • Driver same type as D.U.T. • ISD controlled by duty factor "D" • D.U.T. - device under test D.U.T. Circuit layout considerations • Low stray inductance • Ground plane • Low leakage inductance current transformer RG |
Numéro de pièce similaire - IRF840ALPBF |
|
Description similaire - IRF840ALPBF |