Moteur de recherche de fiches techniques de composants électroniques |
|
IRF840ASTRL Fiches technique(PDF) 6 Page - Vishay Siliconix |
|
IRF840ASTRL Fiches technique(HTML) 6 Page - Vishay Siliconix |
6 / 8 page www.vishay.com Document Number: 91066 6 S-81412-Rev. A, 07-Jul-08 IRF840AS, IRF840AL, SiHF840AS, SiHF840AL Vishay Siliconix Fig. 12a - Unclamped Inductive Test Circuit Fig. 12b - Unclamped Inductive Waveforms Fig. 12c - Maximum Avalanche Energy vs. Drain Current Fig. 12d - Typical Drain-to-Source Voltage vs. Avalanche Current Fig. 13a - Basic Gate Charge Waveform Fig. 13b - Gate Charge Test Circuit A R G IAS 0.01 Ω tp D.U.T. L VDS + - VDD Driver 15 V 20 V IAS VDS tp 25 50 75 100 125 150 0 200 400 600 800 1000 1200 Starting T , Junction Temperature ( C) J ° ID TOP BOTTOM 3.6A 5.1A 8.0A Q GS Q GD Q G VG Charge 10 V D.U.T. 3 mA V GS V DS I G I D 0.3 µF 0.2 µF 50 k Ω 12 V Current regulator Current sampling resistors Same type as D.U.T. + - |
Numéro de pièce similaire - IRF840ASTRL |
|
Description similaire - IRF840ASTRL |