Moteur de recherche de fiches techniques de composants électroniques |
|
TS3L500AE Fiches technique(PDF) 6 Page - Texas Instruments |
|
|
TS3L500AE Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 17 page SWITCHING CHARACTERISTICS DYNAMIC CHARACTERISTICS TS3L500AE SCDS246A – JUNE 2007 – REVISED AUGUST 2008 ....................................................................................................................................................... www.ti.com over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V, RL = 200 Ω, CL = 10 pF (unless otherwise noted) (see Figures 4 and 5) FROM TO PARAMETER MIN TYP(1) MAX UNIT (INPUT) (OUTPUT) tpd (2) A or B B or A 0.25 ns tPZH, tPZL SEL A or B 0.5 15 ns tPHZ, tPLZ SEL A or B 0.9 9 ns tsk(o) (3) A or B B or A 50 100 ps tsk(p) (4) 50 100 ps (1) All typical values are at VDD = 3.3 V (unless otherwise noted), TA = 25°C. (2) The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load capacitance when driven by an ideal voltage source (zero output impedance). (3) Output skew between center port (A4 to A5) to any other port (4) Skew between opposite transitions of the same output in a given device |tPHL – tPLH| over recommended operating free-air temperature range, VDD = 3.3 V ± 0.3 V (unless otherwise noted) PARAMETER TEST CONDITIONS TYP(1) UNIT XTALK RL = 100 Ω, f = 250 MHz, See Figure 8 –37 dB OIRR RL = 100 Ω, f = 250 MHz, See Figure 9 –37 dB BW RL = 100 Ω, See Figure 7 950 MHz (1) All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C. 6 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TS3L500AE |
Numéro de pièce similaire - TS3L500AE |
|
Description similaire - TS3L500AE |