Moteur de recherche de fiches techniques de composants électroniques |
|
TS3A24159DRCR Fiches technique(PDF) 8 Page - Texas Instruments |
|
|
TS3A24159DRCR Fiches technique(HTML) 8 Page - Texas Instruments |
8 / 25 page www.ti.com ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY (1) TS3A24159 0.3- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS238C – MARCH 2007 – REVISED FEBRUARY 2008 V+ = 1.65 V to 1.95 V, TA = –40°C to 85°C (unless otherwise noted) PARAMETER SYMBOL TEST CONDITIONS TA V+ MIN TYP MAX UNIT Analog Switch Analog signal VCOM, VNO, 0 V+ V range VNC 25 °C 0.4 0.9 Peak ON 0 ≤ (VNO or VNC) ≤ V+, Switch ON, rpeak 1.65 V Ω resistance ICOM = –2 mA, See Figure 10 Full 0.8 25 °C 0.3 0.45 ON-state VNO or VNC = 1.5 V, Switch ON, ron 1.65 V Ω resistance ICOM = –2 mA, See Figure 10 Full 0.5 ON-state 25 °C 0.02 0.04 resistance match VNO or VNC = 0.6 V, 1.5 V, Switch ON, Δron 1.65 V Ω between ICOM = –2 mA, See Figure 10 Full 0.05 channels 0 ≤ (VNO or VNC) ≤ V+, Switch ON, 25 °C 0.13 ON-state ICOM = –2 mA, See Figure 10 resistance ron(flat) 1.65 V Ω 25 °C 0.08 0.15 VNO or VNC = 0.6 V, 1.5 V, Switch ON, flatness ICOM = –8 mA, See Figure 10 Full 0.2 NC, NO VNC or VNO = 0.3 V, VCOM = 1.65 V, 25 °C –10 10 INC(OFF), Switch OFF, OFF leakage or 1.95 nA INO(OFF) See Figure 11 Full –50 50 current VNC or VNO = 1.65 V, VCOM = 0.3 V, NC, NO VNC or VNO = 0.3 V, VCOM = Open, 25 °C –10 10 INC(ON), Switch ON, ON leakage or 1.95 V nA INO(ON) See Figure 12 Full –100 100 current VNC or VNO = 1.65 V, VCOM = Open, COM VNC or VNO = Open, VCOM = 0.3 V, 25 °C –10 10 Switch ON, ON leakage ICOM(ON) or 1.95 V nA See Figure 12 Full –100 100 current VNC or VNO = Open, VCOM = 1.65 V, Digital Control Inputs (IN1, IN2)(2) Input logic high VIH Full 1 V Input logic low VIL Full 0.4 V 25 °C –40 5 40 Input leakage IIH, IIL VI = 1.95 V or 0 1.95 V nA current Full –50 50 (1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum (2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 8 Submit Documentation Feedback Copyright © 2007–2008, Texas Instruments Incorporated Product Folder Link(s): TS3A24159 |
Numéro de pièce similaire - TS3A24159DRCR |
|
Description similaire - TS3A24159DRCR |