Moteur de recherche de fiches techniques de composants électroniques |
|
TS3A24157 Fiches technique(PDF) 9 Page - Texas Instruments |
|
TS3A24157 Fiches technique(HTML) 9 Page - Texas Instruments |
9 / 24 page www.ti.com TYPICAL PERFORMANCE 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0 0.5 1 1.5 2 2.5 V (V) COM –40 C º 25ºC 85ºC 0 0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 0 0.2 0.4 0.6 0.8 1 1.2 1.4 1.6 1.8 V (V) COM –40 C º 25ºC 85ºC 0 0.1 0.2 0.3 0.4 0.5 0.6 0 0.5 1 1.5 2 2.5 3 –40 C º 25ºC 85ºC V (V) COM –180 –160 –140 –120 –100 –80 –60 –40 –20 0 20 0 0.5 1 1.5 2 2.5 3 3.5 V (V) COM 1.8 V 2.5 V 3 V 0 5 10 15 20 25 30 35 1.5 2 2.5 3 3.5 Supply Voltage (V) t OFF t ON –16 –14 –12 –10 –8 –6 –4 –2 0 2 1.E+04 1.E+05 1.E+06 1.E+07 1.E+08 1.E+09 Frequency (Hz) 1.8 V 2.5 V 3 V TS3A24157 0.65- Ω DUAL SPDT ANALOG SWITCH DUAL-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER SCDS208A – JUNE 2007 – REVISED SEPTEMBER 2007 Figure 1. ron vs VCOM (V+ = 1.65 V) Figure 2. ron vs VCOM (V+ = 2.3 V) Figure 3. ron vs VCOM (V+ = 2.7 V) Figure 4. Charge Injection (QC) vs VCOM Figure 5. tON and tOFF vs Supply Voltage Figure 6. Bandwidth Copyright © 2007, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Link(s): TS3A24157 |
Numéro de pièce similaire - TS3A24157_1 |
|
Description similaire - TS3A24157_1 |