Moteur de recherche de fiches techniques de composants électroniques |
|
ST92124DV1T6 Fiches technique(PDF) 8 Page - STMicroelectronics |
|
ST92124DV1T6 Fiches technique(HTML) 8 Page - STMicroelectronics |
8 / 426 page 8/426 ST92F124/F150/F250 - GENERAL DESCRIPTION Figure 4. ST92F150JDV1: Architectural Block Diagram 256 bytes Register File ST9 CORE 8/16 bit CPU Interrupt Management RCCU WATCHDOG AS DS RW WAIT NMI DS2 RW MISO MOSI SCK SS EF TIMER 0 ST. TIMER SPI SCI M TXCLK RXCLK SIN DCD SOUT CLKOUT RTS WDOUT HW0SW1 STOUT ICAPA0 OCMPA0 ICAPB0 OCMPB0 EXTCLK0 Fully Prog. I/Os P0[7:0] P1[7:0] P2[7:0] P3[7:1] P4[7:0] P5[7:0] P6[5:0] P7[7:0] P8[7:0] P9[7:0] RDI TDO MF TIMER 0 TINPA0 TOUTA0 TINPB0 TOUTB0 ICAPA1 OCMPA1 ICAPB1 OCMPB1 EXTCLK1 TINPA1 TOUTA1 TINPB1 TOUTB1 INT[6:0] WKUP[15:0] EF TIMER 1 MF TIMER 1 SCI A OSCIN OSCOUT RESET CLOCK2/8 CLOCK2 INTCLK CK_AF ADC AVDD AVSS AIN[15:0] EXTRG SDA SCL I2C BUS VPWI VPWO J1850 JBLPD A[7:0] D[7:0] A[21:8] Ext. MEM. ADDRESS DATA Port0 Ext. MEM. ADDRESS Ports 1,9 RAM 6 Kbytes FLASH 128 Kbytes E3 TM 1K byte The alternate functions (Italic characters) are mapped on Port0, Port1, Port2, Port3, Port4, Port5, Port6, Port7, RX0 TX0 CAN_0 RX1 TX1 CAN_1 VREG VOLTAGE REGULATOR Port8 and Port9. RDI TDO 1 |
Numéro de pièce similaire - ST92124DV1T6 |
|
Description similaire - ST92124DV1T6 |