Moteur de recherche de fiches techniques de composants électroniques |
|
STK672-730A-E Fiches technique(PDF) 3 Page - Sanyo Semicon Device |
|
STK672-730A-E Fiches technique(HTML) 3 Page - Sanyo Semicon Device |
3 / 19 page STK672-730A-E No. A1221-3/19 Package Dimensions unit:mm (typ) Derating curve of motor current, IOH, vs. STK672-730A-E Operating substrate temperature, Tc Notes • The current range given above represents conditions when output voltage is not in the avalanche state. • If the output voltage is in the avalanche state, see the allowable avalanche energy for STK672-7** series hybrid ICs given in a separate document. • The operating substrate temperature, Tc, given above is measured while the motor is operating. Because Tc varies depending on the ambient temperature, Ta, the value of IOH, and the continuous or intermittent operation of IOH, always verify this value using an actual set. 29.2 25.6 (20.47) (5.6) 1.0 4.2 8.2 (20.4) 0.52 0.4 4.5 119 (R1.7) 2.0 18 1.0=18.0 IOH - Tc Operating Substrate Temperature, Tc- °C ITF02548 3.0 0.5 0 080 20 40 60 100 70 10 30 50 90 110 2.0 2.5 1.5 1.0 200Hz 2 phase excitation Hold mode |
Numéro de pièce similaire - STK672-730A-E |
|
Description similaire - STK672-730A-E |