Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STP90NS04ZC Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce STP90NS04ZC
Description  N-channel clamped 5m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP90NS04ZC Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button STP90NS04ZC Datasheet HTML 5Page - STMicroelectronics STP90NS04ZC Datasheet HTML 6Page - STMicroelectronics STP90NS04ZC Datasheet HTML 7Page - STMicroelectronics STP90NS04ZC Datasheet HTML 8Page - STMicroelectronics STP90NS04ZC Datasheet HTML 9Page - STMicroelectronics STP90NS04ZC Datasheet HTML 10Page - STMicroelectronics STP90NS04ZC Datasheet HTML 11Page - STMicroelectronics STP90NS04ZC Datasheet HTML 12Page - STMicroelectronics STP90NS04ZC Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
STP90NS04ZC
Test circuit
9/13
3
Test circuit
Figure 18. Switching times test circuit for
resistive load
Figure 19. Gate charge test circuit
Figure 20. Test circuit for inductive load
switching and diode recovery times
Figure 21. Unclamped Inductive load test
circuit
Figure 22. Unclamped inductive waveform
Figure 23. Switching time waveform


Numéro de pièce similaire - STP90NS04ZC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP90N4F3 STMICROELECTRONICS-STP90N4F3 Datasheet
343Kb / 14P
   N-channel 40V - 5.4m廓 - 80A - DPAK - TO-220 - IPAK STripFET??Power MOSFET
STP90N4F3 STMICROELECTRONICS-STP90N4F3 Datasheet
433Kb / 16P
   N-channel 40 V, 5.4 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??Power MOSFET
STP90N4F3 STMICROELECTRONICS-STP90N4F3 Datasheet
808Kb / 16P
   N-channel 40 V, 5.0 m廓, 80 A, DPAK, TO-220, IPAK, I2PAK STripFET??III Power MOSFET
STP90N55F4 STMICROELECTRONICS-STP90N55F4 Datasheet
526Kb / 13P
   N-channel 55 V, 0.0064 , 90 A, TO-220 STripFET DeepGATE Power MOSFET
logo
VBsemi Electronics Co.,...
STP90N55F4 VBSEMI-STP90N55F4 Datasheet
972Kb / 7P
   N-Channel 60 V (D-S) MOSFET
More results

Description similaire - STP90NS04ZC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STP70NS04ZC STMICROELECTRONICS-STP70NS04ZC Datasheet
272Kb / 13P
   N-channel clamped 8m廓 - 80A TO-220 Fully protected SAFeFET??Power MOSFET
STP180NS04ZC STMICROELECTRONICS-STP180NS04ZC Datasheet
256Kb / 12P
   N-channel clamped 3.5 m廓 - 120 A TO-220 fully protected SAFeFET??Power MOSFET
STP80NS04Z STMICROELECTRONICS-STP80NS04Z Datasheet
90Kb / 8P
   N - CHANNEL CLAMPED 7.5mohm - 80A - TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP80NS04ZB STMICROELECTRONICS-STP80NS04ZB Datasheet
115Kb / 6P
   N-CHANNEL CLAMPED 7.5mohm - 80A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
STP75NS04Z STMICROELECTRONICS-STP75NS04Z Datasheet
231Kb / 12P
   N-channel Clamped - 7mohm - 80A - TO-220 Fully protected MESH Overlay III Power MOSFET
STW130NS04ZB STMICROELECTRONICS-STW130NS04ZB Datasheet
327Kb / 12P
   N-CHANNEL CLAMPED - 7 mohm - 80A TO-220/D2PAK/TO-247 FULLY PROTECTED MESH OVERLAY MOSFET
STD70NS04ZL STMICROELECTRONICS-STD70NS04ZL Datasheet
746Kb / 13P
   N-channel clamped 9.5 m, 70 A DPAK fully protected SAFeFET Power MOSFET
STP60NS04ZB STMICROELECTRONICS-STP60NS04ZB_06 Datasheet
256Kb / 13P
   N-channel clamped - 10mohm - 60A - TO-220 Fully protected Mesh Overlay Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z_06 Datasheet
267Kb / 12P
   N-channel clamped 12.5mOHM - 62A - TO-220 Fully protected MESH OVERLAY Power MOSFET
STP62NS04Z STMICROELECTRONICS-STP62NS04Z Datasheet
249Kb / 8P
   N-CHANNEL CLAMPED 12.5m - 62A TO-220 FULLY PROTECTED MESH OVERLAY MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com