Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EKL Fiches technique(PDF) 6 Page - Vishay Siliconix

No de pièce EKL
Description  Aluminum Capacitors Radial Style 125 °C
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

EKL Fiches technique(HTML) 6 Page - Vishay Siliconix

  EKL Datasheet HTML 1Page - Vishay Siliconix EKL Datasheet HTML 2Page - Vishay Siliconix EKL Datasheet HTML 3Page - Vishay Siliconix EKL Datasheet HTML 4Page - Vishay Siliconix EKL Datasheet HTML 5Page - Vishay Siliconix EKL Datasheet HTML 6Page - Vishay Siliconix EKL Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Document Number: 25010
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com
Revision: 17-Jul-08
331
EKL
Aluminum Capacitors
Radial Style 125 °C
Vishay Roederstein
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz)
IR MULTIPLIER FOR UR ≥ 63 V
120
0.56
1000
0.78
10 000
0.89
100 000
1.00
TEST PROCEDURES AND REQUIREMENTS
TEST
PROCEDURE
(quick reference)
REQUIREMENTS
Load life
Tamb = 125 °C
UR and IR applied
After 2000 hours
After 1000 hours Ø 5, Ø 6.3 and UR ≥ 100 V
Δ C/C: ± 20 % of initial value
IL ≤ spec. limit
tan
δ ≤ 3 x spec. limit
Shelf life
No voltage applied
After 1000 hours
After test: UR to be applied for 30 minutes
24 to 48 hours before measurement
Δ C/C: ± 20 % of initial value
IL ≤ spec.limit
tan
δ ≤ 2 x spec. limit


Numéro de pièce similaire - EKL

FabricantNo de pièceFiches techniqueDescription
logo
United Chemi-Con, Inc.
EKLG201E CHEMI-CON-EKLG201E Datasheet
403Kb / 2P
   Overvoltage resistant design, 105?
EKLG201ESS101ML25S CHEMI-CON-EKLG201ESS101ML25S Datasheet
42Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKLG201ESS101MM20S CHEMI-CON-EKLG201ESS101MM20S Datasheet
42Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKLG201ESS121MLN3S CHEMI-CON-EKLG201ESS121MLN3S Datasheet
42Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
EKLG201ESS121MM25S CHEMI-CON-EKLG201ESS121MM25S Datasheet
42Kb / 2P
   MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

Description similaire - EKL

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
510DX VISHAY-510DX Datasheet
90Kb / 5P
   Aluminum Capacitors 125 °C, Miniature, Radial Lead
Revision: 07-Jan-13
EKF VISHAY-EKF Datasheet
89Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 13-Jun-08
EKV VISHAY-EKV Datasheet
94Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKV VISHAY-EKV_12 Datasheet
102Kb / 5P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKS VISHAY-EKS Datasheet
209Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 18-Aug-04
EKA VISHAY-EKA Datasheet
109Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
EKC VISHAY-EKC Datasheet
98Kb / 7P
   Aluminum Capacitors Radial Style
Revision: 05-Nov-08
EKB VISHAY-EKB_12 Datasheet
118Kb / 8P
   Aluminum Capacitors Radial Style
Revision: 14-Mar-12
EKO VISHAY-EKO Datasheet
305Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 30-Aug-05
EKX VISHAY-EKX Datasheet
100Kb / 6P
   Aluminum Capacitors Radial Style
Revision: 24-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com