Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD37N05TZ Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce STD37N05TZ
Description  NPN power TRILINTON?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD37N05TZ Fiches technique(HTML) 5 Page - STMicroelectronics

  STD37N05TZ Datasheet HTML 1Page - STMicroelectronics STD37N05TZ Datasheet HTML 2Page - STMicroelectronics STD37N05TZ Datasheet HTML 3Page - STMicroelectronics STD37N05TZ Datasheet HTML 4Page - STMicroelectronics STD37N05TZ Datasheet HTML 5Page - STMicroelectronics STD37N05TZ Datasheet HTML 6Page - STMicroelectronics STD37N05TZ Datasheet HTML 7Page - STMicroelectronics STD37N05TZ Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
STD37N05TZ
Package mechanical data
5/8
3
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com


Numéro de pièce similaire - STD37N05TZ

FabricantNo de pièceFiches techniqueDescription
logo
Visual Communications C...
STD370BLK VCC-STD370BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD37P3H6AG STMICROELECTRONICS-STD37P3H6AG Datasheet
313Kb / 16P
   Automotive-grade P-channel -30 V, 11 m廓 typ., -49 A STripFET??H6 Power MOSFET in a DPAK package
August 2015 Rev 1
More results

Description similaire - STD37N05TZ

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BU900TP STMICROELECTRONICS-BU900TP Datasheet
114Kb / 8P
   NPN power TRILINTON
logo
Unisonic Technologies
BCP68 UTC-BCP68 Datasheet
91Kb / 2P
   NPN MEDIUM POWER POWER
logo
Fairchild Semiconductor
D44H8 FAIRCHILD-D44H8 Datasheet
153Kb / 4P
   NPN Power Amplifier
logo
NXP Semiconductors
BD131 PHILIPS-BD131 Datasheet
43Kb / 8P
   NPN power transistor
1999 Apr 12
BD825 PHILIPS-BD825 Datasheet
60Kb / 8P
   NPN power transistors
1998 May 29
BUJ303CD PHILIPS-BUJ303CD_15 Datasheet
205Kb / 13P
   NPN power transistor
8 November 2012
BUJ303AD PHILIPS-BUJ303AD_15 Datasheet
199Kb / 14P
   NPN power transistor
Rev. 1-2 September 2011
BUJ303A PHILIPS-BUJ303A_15 Datasheet
565Kb / 13P
   NPN power transistor
Rev. 6-8 February 2012
logo
Unisonic Technologies
2SD1782 UTC-2SD1782_15 Datasheet
125Kb / 3P
   POWER NPN TRANSISTOR
BD139 UTC-BD139 Datasheet
84Kb / 2P
   NPN POWER TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com