Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TPS51200 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce TPS51200
Description  SINK/SOURCE DDR TERMINATION REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

TPS51200 Fiches technique(HTML) 1 Page - Texas Instruments

  TPS51200_1 Datasheet HTML 1Page - Texas Instruments TPS51200_1 Datasheet HTML 2Page - Texas Instruments TPS51200_1 Datasheet HTML 3Page - Texas Instruments TPS51200_1 Datasheet HTML 4Page - Texas Instruments TPS51200_1 Datasheet HTML 5Page - Texas Instruments TPS51200_1 Datasheet HTML 6Page - Texas Instruments TPS51200_1 Datasheet HTML 7Page - Texas Instruments TPS51200_1 Datasheet HTML 8Page - Texas Instruments TPS51200_1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 35 page
background image
1
FEATURES
APPLICATIONS
DESCRIPTION
STANDARD DDR APPLICATION
2
3
4
5
1
9
8
7
6
10
TPS51200
REFIN
VLDOIN
VO
PGND
VOSNS
VIN
PGOOD
GND
EN
REFOUT
3.3 V
IN
PGOOD
SLP_S3
0.1 mF
VTTREF
VLDOIN
VTT
VDDQ
UDG-08025
TPS51200
SLUS812 – FEBRUARY 2008
www.ti.com
SINK/SOURCE DDR TERMINATION REGULATOR
• Memory Termination Regulator for DDR,
2
• Input Voltage: Supports 2.5-V Rail and 3.3-V
DDR2, DDR3, and Low Power DDR3/DDR4
Rail
• Notebook/Desktop/Server
• VLDOIN Voltage Range: 1.1 V to 3.5 V
• Telecom/Datacom, GSM Base Station,
• Sink/Source Termination Regulator Includes
LCD-TV/PDP-TV, Copier/Printer, Set-Top Box
Droop Compensation
• Requires Minimum Output Capacitance of
20-
µF (typically 3 × 10-µF MLCCs) for Memory
The TPS51200 is a sink/source Double Data Rate
Termination Applications (DDR)
(DDR) termination regulator specifically designed for
• PGOOD to Monitor Output Regulation
low input voltage, low-cost, low-noise systems where
• EN Input
space is a key consideration.
• REFIN Input Allows for Flexible Input Tracking
The TPS51200 maintains a fast transient response
Either Directly or Through Resistor Divider
and only requires a minimum output capacitance of
• Remote Sensing (VOSNS)
20
µF. The TPS51200 supports a remote sensing
function and all power requirements for DDR, DDR2,
• ±10-mA Buffered Reference (REFOUT)
DDR3, and Low Power DDR3/DDR4 VTT bus
• Built-in Soft Start, UVLO and OCL
termination.
• Thermal Shutdown
In addition, the TPS51200 provides an open-drain
• Meets DDR, DDR2 JEDEC Specifications;
PGOOD signal to monitor the output regulation and
Supports DDR3 and Low-Power DDR3/DDR4
an EN signal that can be used to discharge VTT
VTT Applications
during S3 (suspend to RAM) for DDR applications.
• SON-10 PowerPAD™Package
The TPS51200 is available in the thermally-efficient
SON-10 PowerPAD package, and is rated both
Green and Pb-free. It is specified from -40
°C to
+85
°C.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - TPS51200_1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
More results

Description similaire - TPS51200_1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TPS51200-Q1 TI1-TPS51200-Q1 Datasheet
951Kb / 36P
[Old version datasheet]   SINK/SOURCE DDR TERMINATION REGULATOR
logo
Eutech Microelectronics...
EUP7998 EUTECH-EUP7998 Datasheet
214Kb / 2P
   Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP_17 Datasheet
582Kb / 35P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1_1812 TI1-TPS51200A-Q1_1812 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200A-Q1 TI1-TPS51200A-Q1 Datasheet
1Mb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
SG Micro Corp
SGM2054 SGMICRO-SGM2054 Datasheet
737Kb / 14P
   Sink and Source DDR Termination Regulator
JANUARY2022 - REV.A
logo
Texas Instruments
TPS51200-EP TI1-TPS51200-EP Datasheet
395Kb / 32P
[Old version datasheet]   Sink and Source DDR Termination Regulator
TPS51200-Q1 TI1-TPS51200-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   Sink and Source DDR Termination Regulator
logo
Anpec Electronics Corop...
APL5338E ANPEC-APL5338E Datasheet
238Kb / 18P
   2A Peak Sink/Source DDR Termination Regulator
logo
Texas Instruments
TPS51100 TI-TPS51100_07 Datasheet
704Kb / 20P
[Old version datasheet]   3-A SINK/SOURCE DDR TERMINATION REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com