Moteur de recherche de fiches techniques de composants électroniques |
|
TLC5947DAP Fiches technique(PDF) 11 Page - Texas Instruments |
|
|
TLC5947DAP Fiches technique(HTML) 11 Page - Texas Instruments |
11 / 27 page TYPICAL CHARACTERISTICS 100000 10000 1000 0 5 10 15 20 30 OutputCurrent(mA) 25 9840 4920 3280 2460 1640 1968 24600 6000 5000 4000 3000 2000 1000 0 -40 -20 0 20 40 60 80 Free-AirTemperature( C) ° TLC5947RHB TLC5947DAP PowerPADSoldered TLC5947DAP PowerPADNotSoldered 100 35 30 25 20 15 10 5 0 0 0.5 1.0 1.5 2.0 2.5 3.0 OutputVoltage(V) T =+25 C ° A I =30mA O I =25mA O I =20mA O I =15mA O I =10mA O I =5mA O I =2mA O 35 34 33 32 31 30 29 28 27 26 25 0 0.5 1.0 1.5 2.0 2.5 3.0 OutputVoltage(V) I =30mA O T = 40 - °C A T =+25 C ° A T =+85 C ° A 4 3 2 1 0 1 2 3 4 - - - - -40 -20 0 20 40 60 80 100 AmbientTemperature( C) ° I =30mA O V =5V CC V =3.3V CC 4 3 2 1 0 1 2 3 4 - - - - 0 5 10 15 20 25 30 OutputCurrent(mA) T =+25 C ° A V =5V CC V =3.3V CC TLC5947 www.ti.com ................................................................................................................................................. SBVS114A – JULY 2008 – REVISED SEPTEMBER 2008 At VCC = 3.3 V and TA = +25°C, unless otherwise noted. REFERENCE RESISTOR POWER DISSIPATION RATE vs OUTPUT CURRENT vs FREE-AIR TEMPERATURE Figure 10. Figure 11. OUTPUT CURRENT vs OUTPUT CURRENT vs OUTPUT VOLTAGE OUTPUT VOLTAGE Figure 12. Figure 13. ΔIOLC vs AMBIENT TEMPERATURE ΔIOLC vs OUTPUT CURRENT Figure 14. Figure 15. Copyright © 2008, Texas Instruments Incorporated Submit Documentation Feedback 11 Product Folder Link(s): TLC5947 |
Numéro de pièce similaire - TLC5947DAP |
|
Description similaire - TLC5947DAP |