Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM26LV32EINSR Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce AM26LV32EINSR
Description  LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

AM26LV32EINSR Fiches technique(HTML) 6 Page - Texas Instruments

Back Button AM26LV32EINSR Datasheet HTML 2Page - Texas Instruments AM26LV32EINSR Datasheet HTML 3Page - Texas Instruments AM26LV32EINSR Datasheet HTML 4Page - Texas Instruments AM26LV32EINSR Datasheet HTML 5Page - Texas Instruments AM26LV32EINSR Datasheet HTML 6Page - Texas Instruments AM26LV32EINSR Datasheet HTML 7Page - Texas Instruments AM26LV32EINSR Datasheet HTML 8Page - Texas Instruments AM26LV32EINSR Datasheet HTML 9Page - Texas Instruments AM26LV32EINSR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
PARAMETER MEASUREMENT INFORMATION
50 Ω
50 Ω
Generator
(see Note B)
VCC
CL = 15 pF
(see Note A)
tPLH
tPHL
90%
90%
50%
50%
10%
10%
tr
tf
A
B
Input
Output
2 V
1 V
VOH
VOL
A
B
Y
VO
G
G
(see Note C)
50%
Input
tPZH
tPHZ
VOH
50%
Voff ≈ 0
0 V
VCC
Output
Generator
(see Note B)
50 Ω
RL = 2 kΩ
CL = 15 pF
(see Note A)
VCC
(see Note C)
VID = 1 V
A
B
Y
VO
G
G
VOH - 0.3 V
AM26LV32E
SLLS849A – APRIL 2008 – REVISED MAY 2008............................................................................................................................................................... www.ti.com
A.
CL includes probe and jig capacitance.
B.
The input pulse is supplied by a generator having the following characteristics: PRR = 10 MHz, duty cycle = 50%,
tr = tf ≤ 2ns.
C.
To test the active-low enable G, ground G and apply an inverted waveform G.
Figure 1. Test Circuit and Voltage Waveforms, tPLH and tPHL
A.
CL includes probe and jig capacitance.
B.
The input pulse is supplied by a generator having the following characteristics: PRR = 10 MHz, duty cycle = 50%,
tr = tf ≤ 2ns.
C.
To test the active-low enable G, ground G and apply an inverted waveform G.
Figure 2. Test Circuit and Voltage Waveforms, tPZH and tPHZ
6
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): AM26LV32E


Numéro de pièce similaire - AM26LV32EINSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM26LV32EINSR TI-AM26LV32EINSR Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32EINSRG4 TI-AM26LV32EINSRG4 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results

Description similaire - AM26LV32EINSR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM26LV32E TI-AM26LV32E_10 Datasheet
632Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32E-EP TI-AM26LV32E-EP Datasheet
326Kb / 11P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E_10 Datasheet
690Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E TI-AM26LV31E Datasheet
810Kb / 18P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV31E-EP TI-AM26LV31E-EP Datasheet
353Kb / 12P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE DRIVER WITH 짹15-kV IEC ESD PROTECTION
AM26LV32C TI-AM26LV32C_08 Datasheet
671Kb / 22P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32C TI-AM26LV32C Datasheet
523Kb / 21P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
AM26LV32 TI-AM26LV32 Datasheet
371Kb / 19P
[Old version datasheet]   LOW-VOLTAGE HIGH-SPEED QUADRUPLE DIFFERENTIAL LINE RECEIVER
MAX3232E-Q1 TI1-MAX3232E-Q1 Datasheet
200Kb / 10P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
TRS3243E TI-TRS3243E_09 Datasheet
764Kb / 26P
[Old version datasheet]   3-V TO 5.5-V MULTICHANNEL RS-232 LINE DRIVER/RECEIVER WITH 짹15-kV IEC ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com