Moteur de recherche de fiches techniques de composants électroniques |
|
ST92124V9Q6 Fiches technique(PDF) 7 Page - STMicroelectronics |
|
ST92124V9Q6 Fiches technique(HTML) 7 Page - STMicroelectronics |
7 / 426 page 7/426 ST92F124/F150/F250 - GENERAL DESCRIPTION Figure 3. ST92F150C(R/V)1/9: Architectural Block Diagram 256 bytes Register File RAM 2/4 Kbytes ST9 CORE 8/16 bits CPU Interrupt Management RCCU Ext. MEM. ADDRESS DATA Port0 Ext. MEM. ADDRESS Ports 1,9* WATCHDOG AS DS RW WAIT NMI DS2 RW* MISO MOSI SCK SS A[10:8] A[21:11]* A[7:0] D[7:0] ST. TIMER SPI SDA SCL I2C BUS FLASH 128/64 Kbytes WDOUT HW0SW1 STOUT * Not available on 64-pin version. Fully Prog. I/Os P0[7:0] P1[7:3]* P1[2:0] P2[7:0] P3[7:4] P3[3:1]* P4[7:4] P4[3:0]* P5[7:0] P6[5:2,0] P6.1* P7[7:0] P8[7:0]* P9[7:0]* MF TIMER 0 TINPA0 TOUTA0 TINPB0 TOUTB0 TINPA1 TOUTA1 TINPB1 TOUTB1 INT[5:0] INT6* WKUP[13:0] WKUP[15:14]* MF TIMER 1 E3 TM 1 Kbyte OSCIN OSCOUT RESET CLOCK2/8 INTCLK CK_AF ADC AVDD AVSS AIN[15:8] AIN[7:0] EXTRG RX0 TX0 CAN_0 VREG VOLTAGE REGULATOR The alternate functions (Italic characters) are mapped on Port 0, Port 1, Port2, Port3, Port4, Port5, Port6, Port7, Port8* and Port9*. ICAPA0 OCMPA0 ICAPB0 OCMPB0* EXTCLK0* ICAPA1 OCMPA1 ICAPB1 OCMPB1* EXTCLK1* EF TIMER 0 EF TIMER 1 SCI M TXCLK RXCLK SIN DCD SOUT CLKOUT RTS SCI A* RDI TDO 9 |
Numéro de pièce similaire - ST92124V9Q6 |
|
Description similaire - ST92124V9Q6 |