Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

H838776 Fiches technique(PDF) 47 Page - Renesas Technology Corp

No de pièce H838776
Description  12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
Download  594 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H838776 Fiches technique(HTML) 47 Page - Renesas Technology Corp

Back Button H838776 Datasheet HTML 43Page - Renesas Technology Corp H838776 Datasheet HTML 44Page - Renesas Technology Corp H838776 Datasheet HTML 45Page - Renesas Technology Corp H838776 Datasheet HTML 46Page - Renesas Technology Corp H838776 Datasheet HTML 47Page - Renesas Technology Corp H838776 Datasheet HTML 48Page - Renesas Technology Corp H838776 Datasheet HTML 49Page - Renesas Technology Corp H838776 Datasheet HTML 50Page - Renesas Technology Corp H838776 Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 594 page
background image
Section 2 CPU
Rev. 1.00 Dec. 18, 2006 Page 25 of 568
REJ09B0348-0100
2.3
Data Formats
The H8/300H CPU can process 1-bit, 4-bit (BCD), 8-bit (byte), 16-bit (word), and 32-bit
(longword) data. Bit-manipulation instructions operate on 1-bit data by accessing bit n (n = 0, 1, 2,
…, 7) of byte operand data. The DAA and DAS decimal-adjust instructions treat byte data as two
digits of 4-bit BCD data.
2.3.1
General Register Data Formats
Figure 2.5 shows the data formats in general registers.
7
0
7
0
MSB
LSB
MSB
LSB
70
4 3
Don't care
Don't care
Don't care
7
0
4 3
70
Don't care
65 43 2
71 0
7
0
Don't care
65 43 2
71 0
Don't care
RnH
RnL
RnH
RnL
RnH
RnL
Data Type
General Register
Data Format
Byte data
Byte data
4-bit BCD data
4-bit BCD data
1-bit data
1-bit data
Upper
Lower
Upper
Lower
Figure 2.5 General Register Data Formats (1)


Numéro de pièce similaire - H838776

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
H838700S RENESAS-H838700S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838701S RENESAS-H838701S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838702 RENESAS-H838702 Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838702S RENESAS-H838702S Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
H838703 RENESAS-H838703 Datasheet
2Mb / 402P
   16-Bit Single-Chip Microcomputer H8 Family / H8/300H Super Low Power Series
More results

Description similaire - H838776

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
166Kb / 16P
   12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6502 FAIRCHILD-FMS6502 Datasheet
538Kb / 13P
   8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
logo
ON Semiconductor
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
logo
Mitsumi Electronics, Co...
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
logo
New Japan Radio
NJM2595 NJRC-NJM2595 Datasheet
585Kb / 9P
   5-INPUT 3-OUTPUT VIDEO SWITCH
NJM2535 NJRC-NJM2535 Datasheet
196Kb / 4P
   3-INPUT 1-OUTPUT VIDEO SWITCH??????
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com