Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STD1NK60 Fiches technique(PDF) 11 Page - STMicroelectronics

No de pièce STD1NK60
Description  N-CHANNEL 600V - 8廓 - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH MOSFET
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD1NK60 Fiches technique(HTML) 11 Page - STMicroelectronics

Back Button STD1NK60 Datasheet HTML 7Page - STMicroelectronics STD1NK60 Datasheet HTML 8Page - STMicroelectronics STD1NK60 Datasheet HTML 9Page - STMicroelectronics STD1NK60 Datasheet HTML 10Page - STMicroelectronics STD1NK60 Datasheet HTML 11Page - STMicroelectronics STD1NK60 Datasheet HTML 12Page - STMicroelectronics STD1NK60 Datasheet HTML 13Page - STMicroelectronics STD1NK60 Datasheet HTML 14Page - STMicroelectronics STD1NK60 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11/15
STD1NK60 - STD1NK60-1 - STQ1HNK60R - STN1HNK60
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
2.20
2.40
0.087
0.094
A1
0.90
1.10
0.035
0.043
A2
0.03
0.23
0.001
0.009
B
0.64
0.90
0.025
0.035
B2
5.20
5.40
0.204
0.213
C
0.45
0.60
0.018
0.024
C2
0.48
0.60
0.019
0.024
D
6.00
6.20
0.236
0.244
E
6.40
6.60
0.252
0.260
G
4.40
4.60
0.173
0.181
H
9.35
10.10
0.368
0.398
L2
0.8
0.031
L4
0.60
1.00
0.024
0.039
V2
0
o
8
o
0
o
0
o
P032P_B
TO-252 (DPAK) MECHANICAL DATA


Numéro de pièce similaire - STD1NK60

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
logo
SHENZHEN DOINGTER SEMIC...
STD1NK60 DOINGTER-STD1NK60 Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
logo
STMicroelectronics
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STD1NK60-1 STMICROELECTRONICS-STD1NK60-1 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
More results

Description similaire - STD1NK60

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STN1HNK60 STMICROELECTRONICS-STN1HNK60 Datasheet
485Kb / 15P
   N-CHANNEL 600V - 8-ohm - 1A DPAK/TO-92/IPAK/SOT-223 SuperMESH-TM MOSFET
STD1NK60 STMICROELECTRONICS-STD1NK60 Datasheet
748Kb / 13P
   N-CHANNEL 600V - 8 - 1A DPAK / IPAK / TO-92 SuperMESH Power MOSFET
STQ1NK80ZR-AP STMICROELECTRONICS-STQ1NK80ZR-AP Datasheet
630Kb / 15P
   N-CHANNEL 800V - 13 廓 - 1 A TO-92 /SOT-223/DPAK/IPAK Zener - Protected SuperMESH??MOSFET
logo
Microsemi Corporation
STD1LNK60Z-1 MICROSEMI-STD1LNK60Z-1_06 Datasheet
732Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
logo
STMicroelectronics
STD1LNK60Z-1 STMICROELECTRONICS-STD1LNK60Z-1 Datasheet
657Kb / 14P
   N-CHANNEL 600V 13 OHM 0.8A TO-92/IPAK/SOT-223 Zener-Protected SuperMESH MOSFET
September 2005 Rev. 6
STD2HNK60Z STMICROELECTRONICS-STD2HNK60Z Datasheet
497Kb / 16P
   N-channel 600V - 4.4廓 - 2A - TO-92/TO-220FP/DPAK/IPAK Zener-protected SuperMESH??Power MOSFET
STQ1NK60ZR-AP STMICROELECTRONICS-STQ1NK60ZR-AP_07 Datasheet
466Kb / 16P
   N-channel 600V - 13廓 - 0.8A - TO-92 - TO-251 - SOT-223 Zener-Protected SuperMESH??Power MOSFET
STD2HNK60Z-1 STMICROELECTRONICS-STD2HNK60Z-1 Datasheet
405Kb / 12P
   N-CHANNEL 600V - 4.4廓 - 2.0A TO-92/TO-220FP/IPAK Zener-Protected SuperMESH MOSFET
STD3NK50Z STMICROELECTRONICS-STD3NK50Z Datasheet
481Kb / 14P
   N-CHANNEL 500V - 2.8ohm - 2.3A TO-92/DPAK/IPAK Zener-Protected SuperMESH MOSFET
STN3N45K3 STMICROELECTRONICS-STN3N45K3 Datasheet
487Kb / 12P
   N-channel 450 V, 3.2 廓, 1.8 A, TO-92, SOT-223, IPAK SuperMESH3??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com