Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STH13NB60FI Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce STH13NB60FI
Description  N - CHANNEL 600V - 0.48ohm - 13A - TO-247/ISOWATT218 PowerMESH MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH13NB60FI Fiches technique(HTML) 8 Page - STMicroelectronics

  STH13NB60FI Datasheet HTML 1Page - STMicroelectronics STH13NB60FI Datasheet HTML 2Page - STMicroelectronics STH13NB60FI Datasheet HTML 3Page - STMicroelectronics STH13NB60FI Datasheet HTML 4Page - STMicroelectronics STH13NB60FI Datasheet HTML 5Page - STMicroelectronics STH13NB60FI Datasheet HTML 6Page - STMicroelectronics STH13NB60FI Datasheet HTML 7Page - STMicroelectronics STH13NB60FI Datasheet HTML 8Page - STMicroelectronics STH13NB60FI Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
C
3.3
3.8
0.130
0.149
D
2.9
3.1
0.114
0.122
D1
1.88
2.08
0.074
0.081
E
0.75
1
0.029
0.039
F
1.05
1.25
0.041
0.049
G
10.8
11.2
0.425
0.441
H
15.8
16.2
0.622
0.637
L1
20.8
21.2
0.818
0.834
L2
19.1
19.9
0.752
0.783
L3
22.8
23.6
0.897
0.929
L4
40.5
42.5
1.594
1.673
L5
4.85
5.25
0.190
0.206
L6
20.25
20.75
0.797
0.817
M
3.5
3.7
0.137
0.145
N
2.1
2.3
0.082
0.090
U
4.6
0.181
L1
M
L6
12
3
L5
L4
N
L3
L2
P025C
ISOWATT218 MECHANICAL DATA
STW13NB60 STH13NB60FI
8/9


Numéro de pièce similaire - STH13NB60FI

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STH13N120K5-2AG STMICROELECTRONICS-STH13N120K5-2AG Datasheet
584Kb / 15P
   Automotive-grade N-channel 1200 V, 0.62 typ., 12 A, MDmesh K5 Power MOSFET in an H²PAK‑2 package
June 2020 Rev 5
More results

Description similaire - STH13NB60FI

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STW10NC60 STMICROELECTRONICS-STW10NC60 Datasheet
337Kb / 9P
   N-CHANNEL 600V - 0.6ohm - 10A - TO-247/ISOWATT218 PowerMesh?줚I MOSFET
STW18NB40 STMICROELECTRONICS-STW18NB40 Datasheet
142Kb / 7P
   N-CHANNEL 400V - 0.19ohm - 18.4A TO-247/ISOWATT218 PowerMESH MOSFET
June 2002
STW12NC60 STMICROELECTRONICS-STW12NC60 Datasheet
86Kb / 8P
   N-CHANNEL 600V - 0.48ohm - 12A TO-247 PowerMeshII MOSFET
STW15NB50 STMICROELECTRONICS-STW15NB50 Datasheet
110Kb / 9P
   N-CHANNEL 500V - 0.33ohm - 14.6A - T0-247/ISOWATT218 PowerMESH MOSFET
STW8NB90 STMICROELECTRONICS-STW8NB90 Datasheet
311Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 8 A TO-247/ISOWATT218 PowerMesh??MOSFET
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STW10NB60 STMICROELECTRONICS-STW10NB60 Datasheet
93Kb / 8P
   N - CHANNEL 600V - 0.69ohm - 10A - TO-247 PowerMESH MOSFET
STW16NB60 STMICROELECTRONICS-STW16NB60 Datasheet
252Kb / 8P
   N-CHANNEL 600V - 0.3ohm - 16A TO-247 PowerMesh??MOSFET
STGF20NB60S STMICROELECTRONICS-STGF20NB60S Datasheet
293Kb / 10P
   N-CHANNEL 13A - 600V TO-220FP PowerMESH IGBT
STW12NB60 STMICROELECTRONICS-STW12NB60 Datasheet
250Kb / 8P
   N-CHANNEL 600V - 0.5ohm - 12A TO-247 PowerMesh?줚I MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com