Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HD74HC620 Fiches technique(PDF) 11 Page - Renesas Technology Corp

No de pièce HD74HC620
Description  Octal Bus Transceivers (with inverted 3-state outputs),Octal Bus Transceivers (with 3-state outputs)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC620 Fiches technique(HTML) 11 Page - Renesas Technology Corp

Back Button HD74HC620 Datasheet HTML 4Page - Renesas Technology Corp HD74HC620 Datasheet HTML 5Page - Renesas Technology Corp HD74HC620 Datasheet HTML 6Page - Renesas Technology Corp HD74HC620 Datasheet HTML 7Page - Renesas Technology Corp HD74HC620 Datasheet HTML 8Page - Renesas Technology Corp HD74HC620 Datasheet HTML 9Page - Renesas Technology Corp HD74HC620 Datasheet HTML 10Page - Renesas Technology Corp HD74HC620 Datasheet HTML 11Page - Renesas Technology Corp HD74HC620 Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
HD74HC620, HD74HC623
Rev.2.00 Mar 30, 2006 page 11 of 11
0.935
0.15
1.27
10.00
10.65
0.40
0.34
A1
13.2
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.65
1.27
0.70
0.40
7.50
0.30
0.20
0.10
0.46
0.30
0.25
0.20
10.40
0.12
1.45
12.80
L1
Z
HE
y
x
θ
c
bp
A2
E
D
b1
c1
e
e
L
A
11
20
10
F
*1
*3
p
M
x
y
1
Index mark
D
Z
b
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
NOTE)
1. DIMENSIONS"*1 (Nom)"AND"*2"
@ DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"*3"DOES NOT
@ INCLUDE TRIM OFFSET.
P-SOP20-7.5x12.8-1.27
0.52g
MASS[Typ.]
FP-20DBV
PRSP0020DC-A
RENESAS Code
JEITA Package Code
Previous Code


Numéro de pièce similaire - HD74HC620

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
   Octal Bus Transceivers(with inverted 3-state outputs)
logo
Renesas Technology Corp
HD74HC620FPEL RENESAS-HD74HC620FPEL Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74HC620P RENESAS-HD74HC620P Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74HC620RPEL RENESAS-HD74HC620RPEL Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
More results

Description similaire - HD74HC620

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HD74HCT640 RENESAS-HD74HCT640 Datasheet
221Kb / 10P
   Octal Bus Transceivers (with inverted 3-state outputs) Octal Bus Transceivers (with 3-state outputs)
Mar 30, 2006
logo
Hitachi Semiconductor
HD74HC620 HITACHI-HD74HC620 Datasheet
60Kb / 10P
   Octal Bus Transceivers(with inverted 3-state outputs)
HD74HCT620 HITACHI-HD74HCT620 Datasheet
58Kb / 9P
   Octal Bus Transceivers (with inverted 3-state outputs)/
logo
Renesas Technology Corp
HD74HC620 RENESAS-HD74HC620_15 Datasheet
149Kb / 14P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74HCT620 RENESAS-HD74HCT620 Datasheet
206Kb / 9P
   Octal Bus Transceivers (with inverted 3-state outputs)
HD74LS640 RENESAS-HD74LS640 Datasheet
80Kb / 7P
   Octal Bus Transceivers (inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74LS640-1 HITACHI-HD74LS640-1 Datasheet
59Kb / 5P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74LS640 HITACHI-HD74LS640 Datasheet
71Kb / 7P
   Octal Bus Transceivers(inverted 3-state outputs)
HD74HC651 HITACHI-HD74HC651 Datasheet
55Kb / 9P
   Octal Bus Transceivers/Registers(with inverted 3-state outputs)
HD74BC245A HITACHI-HD74BC245A Datasheet
42Kb / 8P
   Octal Bus Transceivers With 3 State Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com