Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼
Nom de la pièce
         Description


HVB27WK Datasheet(Fiches technique) 2 Page - Renesas Technology Corp

Numéro de pièce HVB27WK
Description  Variable Capacitance Diode for FM tuner
Télécharger  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo 

   
 2 page
background image
HVB27WK
Rev.1.00, Sep.18.2003, page 2 of 4
Absolute Maximum Ratings *
1
(Ta = 25
°C)
Item
Symbol
Value
Unit
Reverse voltage
V
R
15
V
Junction temperature
Tj
125
°C
Storage temperature
Tstg
–55 to +125
°C
Note:
1. Per one device.
Electrical Characteristics *
3
(Ta = 25
°C)
Item
Symbol
Min
Typ
Max
Unit
Test Condition
I
R1

10
V
R = 9 V
Reverse current
I
R2

100
nA
V
R = 9 V, Ta = 60°C
C
1
52.0
62.0
V
R = 1 V, f = 1 MHz
C
2
43.0
48.0
V
R = 2 V, f = 1 MHz
Capacitance
C
8
24.0
28.0
pF
V
R = 8 V, f = 1 MHz
n
1
1.8

C
1/C8
Capacitance ratio
n
2
1.7

C
2/C8
Series resistance
r
s

0.4
V
R = 2 V, f = 100 MHz
Matching error
∆C/C*1

3.0
%
V
R = 1 to 8 V, f = 1 MHz
Notes: 1. A set of HVB27WK is of uniform C-V characteristics.
Measure max. value and min. value of capacitance at each bias point of V
R = 1 V through 8 V.
Calculate Matching Error,
(Cmax – Cmin)
Cmin
∆C/C =
× 100 (%)
2. Each group shall uniform a multiple of 4 diodes.
3. Per one device.




Html Pages

1  2  3  4  5 


Datasheet Download



Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
HVM16Variable Capacitance Diode for FM tuner 1 2 3 4 5 Renesas Technology Corp
HVC317BVariable Capacitance Diode for tuner 1 2 3 4 5 MoreRenesas Technology Corp
HVR100Variable Capacitance Diode for AM tuner 1 2 3 4 5 Renesas Technology Corp
HVD326CVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVC316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
HVD327CVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp
HVD316Variable Capacitance Diode for BS/CS tuner 1 2 3 4 5 Renesas Technology Corp
HVU326CVariable Capacitance Diode for UHF/VHF tuner 1 2 3 4 5 Renesas Technology Corp
RKV651KKVariable Capacitance Diode for FM tuner IC 1 2 3 4 5 Renesas Technology Corp
HVD328CVariable Capacitance Diode for VHF tuner 1 2 3 4 5 Renesas Technology Corp

Lien URL

AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Favoris   |   Echange de liens   |   Fabricants
All Rights Reserved © Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl