Moteur de recherche de fiches techniques de composants électroniques |
|
ST92F124R9TC Fiches technique(PDF) 11 Page - STMicroelectronics |
|
ST92F124R9TC Fiches technique(HTML) 11 Page - STMicroelectronics |
11 / 426 page 11/426 ST92F124/F150/F250 - GENERAL DESCRIPTION Figure 6. ST92F124R9: Pin Configuration (Top-view TQFP64) WAIT/WKUP5/P5.0 WKUP6/WDOUT/P5.1 SIN/WKUP2/P5.2 WDIN/SOUT/P5.3 TXCLK/CLKOUT/P5.4 RXCL0/WKUP7/P5.5 DCD/WKUP8/P5.6 WKUP9/RTS/P5.7 WKUP4/P4.4 EXTRG/STOUT/P4.5 SDA/P4.6 WKUP1/SCL/P4.7 SS/P3.4 MISO/P3.5 MOSI/P3.6 SCK/WKUP0/P3.7 N.C P6.5/WKUP10/INTCLK P6.4/NMI P6.3/INT3/INT5 P6.2/INT2/INT4 P6.0/INT0/INT1/CLOCK2/8 P0.7(/AIN7***) P0.6(/AIN6***) P0.5(/AIN5***) P0.4(/AIN4***) P0.3(/AIN3***) P0.2(/AIN2***) P0.1(/AIN1***) P0.0(/AIN0***) Reserved* Reserved* 64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 ST92F124R9 17 18 19 20 21 22 23 24 29 30 31 32 25 26 27 28 * Reserved for ST tests, must be left unconnected ** VTEST must be kept low in standard operating mode *** The ST92F150-EMU2 emulator does not emulate ADC channels from AIN0 to AIN7 and extended function tim- ers because they are not implemented on the emulator chip. See also Section 13.2 on page 418 9 |
Numéro de pièce similaire - ST92F124R9TC |
|
Description similaire - ST92F124R9TC |