Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK1315 Fiches technique(PDF) 9 Page - Renesas Technology Corp

No de pièce 2SK1315
Description  Silicon N-Channel MOS FET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK1315 Fiches technique(HTML) 9 Page - Renesas Technology Corp

Back Button 2SK1315 Datasheet HTML 2Page - Renesas Technology Corp 2SK1315 Datasheet HTML 3Page - Renesas Technology Corp 2SK1315 Datasheet HTML 4Page - Renesas Technology Corp 2SK1315 Datasheet HTML 5Page - Renesas Technology Corp 2SK1315 Datasheet HTML 6Page - Renesas Technology Corp 2SK1315 Datasheet HTML 7Page - Renesas Technology Corp 2SK1315 Datasheet HTML 8Page - Renesas Technology Corp 2SK1315 Datasheet HTML 9Page - Renesas Technology Corp 2SK1315 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SK1315(L)(S), 2SK1316(L)(S)
7
Hitachi Code
JEDEC
EIAJ
Mass (reference value)
LDPAK (S)-(2)
1.35 g
10.2
± 0.3
1.27
± 0.2
4.44
± 0.2
1.3
± 0.2
0.1
+ 0.2
– 0.1
0.4
± 0.1
0.86
+ 0.2
– 0.1
2.54
± 0.5
2.54
± 0.5
1.2
± 0.2
7.8
6.6
2.2
As of January, 2001
Unit: mm


Numéro de pièce similaire - 2SK1315

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK1315 HITACHI-2SK1315 Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
2SK1315L HITACHI-2SK1315L Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK1315L ISC-2SK1315L Datasheet
299Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK1315S HITACHI-2SK1315S Datasheet
30Kb / 6P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK1315S VBSEMI-2SK1315S Datasheet
1Mb / 8P
   N-Channel 650 V (D-S) MOSFET
More results

Description similaire - 2SK1315

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com