Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HVD328C Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce HVD328C
Description  Variable Capacitance Diode for VHF tuner
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HVD328C Fiches technique(HTML) 3 Page - Renesas Technology Corp

  HVD328C Datasheet HTML 1Page - Renesas Technology Corp HVD328C Datasheet HTML 2Page - Renesas Technology Corp HVD328C Datasheet HTML 3Page - Renesas Technology Corp HVD328C Datasheet HTML 4Page - Renesas Technology Corp HVD328C Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HVD328C
Rev.2.00 Mar 31, 2006 page 3 of 4
Main Characteristic
Reverse voltage VR (V)
Fig.1 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.2 Capacitance vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Series resistance vs. Reverse voltage
05
10
–13
10
–11
10
–12
10
15
10
–9
10
–10
1.0
10
0
0.6
0.2
0.8
0.4
0.5
1.0
30
f = 470MHz
1.2
1.0
10
1.0
0.5
10
30
100
f = 1MHz


Numéro de pièce similaire - HVD328C

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HVD326C RENESAS-HVD326C Datasheet
55Kb / 5P
   Variable Capacitance Diode for UHF/VHF tuner
HVD327C RENESAS-HVD327C Datasheet
55Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVD327C RENESAS-HVD327C Datasheet
52Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVD327CKRU RENESAS-HVD327CKRU Datasheet
52Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVD327C RENESAS-HVD327C_10 Datasheet
52Kb / 5P
   Variable Capacitance Diode for VHF tuner
More results

Description similaire - HVD328C

FabricantNo de pièceFiches techniqueDescription
logo
Leshan Radio Company
HVU300B LRC-HVU300B Datasheet
46Kb / 2P
   Variable Capacitance Diode for VHF Tuner
logo
Renesas Technology Corp
RKV502KJ RENESAS-RKV502KJ Datasheet
57Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVC200A RENESAS-HVC200A Datasheet
240Kb / 5P
   Variable Capacitance Diode for VHF tuner
RKV502KG RENESAS-RKV502KG Datasheet
56Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVU300C RENESAS-HVU300C Datasheet
143Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVC327C RENESAS-HVC327C_10 Datasheet
52Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVC306C RENESAS-HVC306C Datasheet
154Kb / 5P
   Variable Capacitance Diode for VHF tuner
RKV501KJ RENESAS-RKV501KJ Datasheet
57Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVU307 RENESAS-HVU307 Datasheet
154Kb / 5P
   Variable Capacitance Diode for VHF tuner
HVU327C RENESAS-HVU327C Datasheet
52Kb / 5P
   Variable Capacitance Diode for VHF tuner
logo
Hitachi Semiconductor
HVU307 HITACHI-HVU307 Datasheet
27Kb / 5P
   Variable Capacitance Diode for VHF tuner
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com