Moteur de recherche de fiches techniques de composants électroniques |
|
HVD328C Fiches technique(PDF) 1 Page - Renesas Technology Corp |
|
HVD328C Fiches technique(HTML) 1 Page - Renesas Technology Corp |
1 / 5 page Rev.2.00 Mar 31, 2006 page 1 of 4 HVD328C Variable Capacitance Diode for VHF tuner REJ03G0219-0200 Rev.2.00 Mar 31, 2006 Features • Low voltage type (tuning voltage 1 to 10 V), it is suitable for ET without DC/DC converter. • High capacitance ratio (n = 14.5 min) and suitable for wide band tuner. • Low series resistance and good C-V linearity. • Super small Flat Lead Package (SFP) is suitable for surface mount design. Ordering Information Type No. Laser Mark Package Name Package Code HVD328C A5 SFP PUSF0002ZB-A Pin Arrangement Cathode mark Mark 1. Cathode 2. Anode 12 A5 |
Numéro de pièce similaire - HVD328C |
|
Description similaire - HVD328C |