Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2247 Fiches technique(PDF) 6 Page - Renesas Technology Corp

No de pièce 2SD2247
Description  Silicon NPN Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2247 Fiches technique(HTML) 6 Page - Renesas Technology Corp

  2SD2247 Datasheet HTML 1Page - Renesas Technology Corp 2SD2247 Datasheet HTML 2Page - Renesas Technology Corp 2SD2247 Datasheet HTML 3Page - Renesas Technology Corp 2SD2247 Datasheet HTML 4Page - Renesas Technology Corp 2SD2247 Datasheet HTML 5Page - Renesas Technology Corp 2SD2247 Datasheet HTML 6Page - Renesas Technology Corp 2SD2247 Datasheet HTML 7Page - Renesas Technology Corp 2SD2247 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
2SD2247
4
Ta = 75
°C
VCE = 12 V
25
°C
–25
°C
Typical Transfer Characteristics
Base to Emitter Voltage VBE (V)
100
80
60
40
20
0
0.2
0.4
0.8
0.6
1.0
Gain Bandwidth Product
vs. Collector Current
Collector Current IC (mA)
300
100
30
10
3
130
10
100
3
VCE = 12 V
Ta = 25
°C
Collector Output Capacitance
vs. Collector to Base Voltage
Collector to Base Voltage VCB (V)
10
3
1.0
0.3
0.1
130
10
100
3
f = 1 MHz
IE = 0
Ta = 25
°C


Numéro de pièce similaire - 2SD2247

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD2247 HITACHI-2SD2247 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial
More results

Description similaire - 2SD2247

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1421 HITACHI-2SD1421 Datasheet
30Kb / 6P
   Silicon NPN Epitaxial
2SD2019 HITACHI-2SD2019 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial
2SD2122 HITACHI-2SD2122 Datasheet
34Kb / 7P
   Silicon NPN Epitaxial
2SD2263 HITACHI-2SD2263 Datasheet
33Kb / 7P
   Silicon NPN Epitaxial
2SC1213 HITACHI-2SC1213 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC2732 HITACHI-2SC2732 Datasheet
36Kb / 7P
   Silicon NPN Epitaxial
2SC2734 HITACHI-2SC2734 Datasheet
49Kb / 10P
   Silicon NPN Epitaxial
2SC2736 HITACHI-2SC2736 Datasheet
55Kb / 11P
   Silicon NPN Epitaxial
2SC3553 HITACHI-2SC3553 Datasheet
23Kb / 5P
   Silicon NPN Epitaxial
2SC4262 HITACHI-2SC4262 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
2SC4264 HITACHI-2SC4264 Datasheet
24Kb / 5P
   Silicon NPN Epitaxial
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com