Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STU9NC90ZI Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce STU9NC90ZI
Description  N-CHANNEL 900V - 1.1ohm - 7.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STU9NC90ZI Fiches technique(HTML) 6 Page - STMicroelectronics

Back Button STU9NC90ZI Datasheet HTML 2Page - STMicroelectronics STU9NC90ZI Datasheet HTML 3Page - STMicroelectronics STU9NC90ZI Datasheet HTML 4Page - STMicroelectronics STU9NC90ZI Datasheet HTML 5Page - STMicroelectronics STU9NC90ZI Datasheet HTML 6Page - STMicroelectronics STU9NC90ZI Datasheet HTML 7Page - STMicroelectronics STU9NC90ZI Datasheet HTML 8Page - STMicroelectronics STU9NC90ZI Datasheet HTML 9Page - STMicroelectronics STU9NC90ZI Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
STU8NC90Z/STU8NC90ZI
6/10
Source-drain Diode Forward Characteristics


Numéro de pièce similaire - STU9NC90ZI

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STU9NC80 STMICROELECTRONICS-STU9NC80 Datasheet
407Kb / 10P
   N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STU9NC80Z STMICROELECTRONICS-STU9NC80Z Datasheet
407Kb / 10P
   N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STU9NC80ZI STMICROELECTRONICS-STU9NC80ZI Datasheet
407Kb / 10P
   N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
More results

Description similaire - STU9NC90ZI

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STU10NC70Z STMICROELECTRONICS-STU10NC70Z Datasheet
409Kb / 10P
   N-CHANNEL 700V - 0.58ohm - 9.4A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STU9NC80Z STMICROELECTRONICS-STU9NC80Z Datasheet
407Kb / 10P
   N-CHANNEL 800V - 0.82ohm - 8.6A Max220/I-Max220 Zener-Protected PowerMESH?줚II MOSFET
STW8NC90Z STMICROELECTRONICS-STW8NC90Z Datasheet
251Kb / 8P
   N-CHANNEL 900V - 1.1 ohm - 7.6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STU8NB90 STMICROELECTRONICS-STU8NB90 Datasheet
48Kb / 5P
   N-CHANNEL 900V - 0.7ohm - 8.9A - Max220 PowerMESH MOSFET
STB3NC90Z STMICROELECTRONICS-STB3NC90Z Datasheet
418Kb / 9P
   N-CHANNEL 900V - 3.2W - 3.5A D2PAK Zener-Protected PowerMESH?줚II MOSFET
STU7NB90 STMICROELECTRONICS-STU7NB90 Datasheet
403Kb / 9P
   N-CHANNEL 900V - 1.1 ohm - 7.3 A Max220/Max220I PowerMesh??MOSFET
STW6NC90Z STMICROELECTRONICS-STW6NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 2.1ohm - 5.2A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STW7NC90Z STMICROELECTRONICS-STW7NC90Z Datasheet
243Kb / 8P
   N-CHANNEL 900V - 1.55ohm - 6A TO-247 Zener-Protected PowerMESH?줚II MOSFET
STU16NC50 STMICROELECTRONICS-STU16NC50 Datasheet
260Kb / 8P
   N-CHANNEL 500V - 0.22ohm - 16A Max220 PowerMesh?줚I MOSFET
STU11NB60 STMICROELECTRONICS-STU11NB60 Datasheet
46Kb / 5P
   N-CHANNEL 600V - 0.5ohm - 11A - Max220 PowerMESH MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com