Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1137 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SD1137
Description  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1137 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SD1137 Datasheet HTML 1Page - Renesas Technology Corp 2SD1137 Datasheet HTML 2Page - Renesas Technology Corp 2SD1137 Datasheet HTML 3Page - Renesas Technology Corp 2SD1137 Datasheet HTML 4Page - Renesas Technology Corp 2SD1137 Datasheet HTML 5Page - Renesas Technology Corp 2SD1137 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SD1137
3
Typical Output Characteristecs
1.0
0.8
0.6
0.4
0.2
02
4
Collector to emitter voltage VCE (V)
10
8
6
TC = 25°C
IB = 0
2 mA
4
6
8
10
1,000
300
100
30
10
0.01
0.03
0.1
0.3
1.0
Collector current IC (A)
10
3
DC Current Transfer Ratio
vs. Collector Current
25
°C
VCE = 5 V
–25
°C
TC = 75°C
25
°C
–25
°C
TC = 75°C
10
3
1.0
0.3
0.01
0.03
0.1
0.01
0.03
0.1
0.3
3
1.0
10
Collector to Emitter Saturation Voltage
vs. Collector Current
Collector current IC (A)
IC = 10 IB
1.5
1.0
0.5
0
0.01
0.03
3
1.0
0.3
10
0.1
Base to Emitter Saturation Voltage
vs. Collector Current
Collector current IC (A)
25
°C
75
°C
TC = –25°C
IC = 10 IB


Numéro de pièce similaire - 2SD1137

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1137 HITACHI-2SD1137 Datasheet
31Kb / 5P
   Silicon NPN Triple Diffused
logo
List of Unclassifed Man...
2SD1137 ETC1-2SD1137 Datasheet
55Kb / 2P
   Power Bipolar Transistors
logo
Inchange Semiconductor ...
2SD1137 ISC-2SD1137 Datasheet
96Kb / 5P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SD1137 SAVANTIC-2SD1137 Datasheet
132Kb / 5P
   Silicon NPN Power Transistors
2SD1137 SAVANTIC-2SD1137 Datasheet
134Kb / 5P
   Silicon NPN Power Transistors
More results

Description similaire - 2SD1137

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com