Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD1113K Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SD1113K
Description  Silicon NPN Triple Diffused
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD1113K Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SD1113K Datasheet HTML 1Page - Renesas Technology Corp 2SD1113K Datasheet HTML 2Page - Renesas Technology Corp 2SD1113K Datasheet HTML 3Page - Renesas Technology Corp 2SD1113K Datasheet HTML 4Page - Renesas Technology Corp 2SD1113K Datasheet HTML 5Page - Renesas Technology Corp 2SD1113K Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SD1113(K)
3
Collector to emitter voltage VCE (V)
0
Typical Output Characteristics
12345
1
2
3
4
5
TC = 25°C
IB = 0
0.2 mA
0.6
0.8
1.0
0.4
100
200
500
1,000
2,000
5,000
10,000
Collector current IC (A)
0.1
0.2
0.5
1.0
2
5
10
DC Current Transfer Ratio
vs. Collector Current
T C
=
75
°C
25
–25
VCE = 2 V
Pulse
0.1
0.2
0.5
1.0
2
5
10
Collector current IC (A)
0.1
0.2
0.5
1.0
2
5
10
Saturation Voltage vs. Collector Current
VBE (sat)
VCE (sat)
lC = 200 lB
TC = 25°C
Pulse


Numéro de pièce similaire - 2SD1113K

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1113K HITACHI-2SD1113K Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
More results

Description similaire - 2SD1113K

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SC4692 HITACHI-2SC4692 Datasheet
44Kb / 5P
   SILICON NPN TRIPLE DIFFUSED DIFFUSED
2SD2300 HITACHI-2SD2300 Datasheet
32Kb / 5P
   Silicon NPN Triple Diffused
2SD1606 HITACHI-2SD1606 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SD2107 HITACHI-2SD2107 Datasheet
32Kb / 6P
   Silicon NPN Triple Diffused
2SC1881 HITACHI-2SC1881 Datasheet
35Kb / 6P
   Silicon NPN Triple Diffused
2SC2611 HITACHI-2SC2611 Datasheet
30Kb / 6P
   Silicon NPN Triple Diffused
2SC4499 HITACHI-2SC4499 Datasheet
39Kb / 8P
   Silicon NPN Triple Diffused
2SC4797 HITACHI-2SC4797 Datasheet
20Kb / 4P
   Silicon NPN Triple Diffused
2SC3322 HITACHI-2SC3322 Datasheet
45Kb / 7P
   Silicon NPN Triple Diffused
logo
Renesas Technology Corp
2SC1515 RENESAS-2SC1515 Datasheet
160Kb / 5P
   Silicon NPN Triple Diffused
2SD1126 RENESAS-2SD1126 Datasheet
147Kb / 7P
   Silicon NPN Triple Diffused
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com