Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1031 Fiches technique(PDF) 7 Page - Renesas Technology Corp

No de pièce 2SA1031
Description  Silicon PNP Epitaxial
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1031 Fiches technique(HTML) 7 Page - Renesas Technology Corp

  2SA1031 Datasheet HTML 1Page - Renesas Technology Corp 2SA1031 Datasheet HTML 2Page - Renesas Technology Corp 2SA1031 Datasheet HTML 3Page - Renesas Technology Corp 2SA1031 Datasheet HTML 4Page - Renesas Technology Corp 2SA1031 Datasheet HTML 5Page - Renesas Technology Corp 2SA1031 Datasheet HTML 6Page - Renesas Technology Corp 2SA1031 Datasheet HTML 7Page - Renesas Technology Corp 2SA1031 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
2SA1031, 2SA1032
5
200
300
400
500
600
700
–0.1
–0.01
–1.0
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
–10
–100
VCE = –5 V
0
100
200
300
400
500
–1.0
–0.5
–2
Collector Current IC (mA)
Gain Bandwidth Product vs.
Collector Current
–5
–10
–20
VCE = –10 V
Ta
= 75
°C
0
–0.12
–0.08
–0.04
–0.20
–0.16
–0.24
–0.28
–2
–1
–5
Collector Current IC (mA)
Collector to Emitter Saturation
Voltage vs. Collector Current
–10
–20
–50 –100
IC = 10 IB
25


Numéro de pièce similaire - 2SA1031

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1031 HITACHI-2SA1031 Datasheet
31Kb / 7P
   Silicon PNP Epitaxial
More results

Description similaire - 2SA1031

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com