Moteur de recherche de fiches techniques de composants électroniques |
|
M62440FP Fiches technique(PDF) 3 Page - Renesas Technology Corp |
|
M62440FP Fiches technique(HTML) 3 Page - Renesas Technology Corp |
3 / 11 page M62440FP REJ03F0211-0201 Rev.2.01 Mar 31, 2008 Page 3 of 10 Pin Description Pin No. Symbol Function 1 REF IC signal ground. Apply 1/2 VCC 2 INA1 3 INB1 4 INC1 5 IND1 Input pin for channel 1 of the input selector switch block 6 SELECT OUT1 Output pin of the input selector switch block 7 VOL IN1 Input pin of the volume block 8 LOUD IN1 Pin for setting the frequency characteristics of the loudness block 9 BASSA1 10 BASSB1 Pin for setting the frequency characteristics of the tone (Bass) block 11 MID1 R-ladder terminal of tone (Mid) 12 TRE1 R-ladder terminal of tone (Treble) 13 TONE OUT1 Output pin of the tone block 14 FADER IN1 Input pin of the fader volume 15 REAR OUT1 Output pin of the fader volume (Rear) 16 FRONT OUT1 Output pin of the fader volume (Front) 17 GND Ground 18 N.C. Non Connection 19 TIM1 Timer setting terminal The relationship between outside parts C and setting time is T = 13.8 × 104 • C (s). 20 DATA Input pin of the control data This pin inputs data in synchronization with CLOCK 21 N.C. Non Connection 22 N.C. Non Connection 23 CLOCK Clock input pin for serial data transfer 24 N.C. Non Connection 25 N.C. Non Connection 26 VDD Digital power supply pin, normally +5 V 27 FRONT OUT2 Output pin of the fader volume (Front) 28 REAR OUT2 Output pin of the fader volume (Rear) 29 FADER IN2 Input pin of the fader volume 30 TONE OUT2 Output pin of the tone block 31 TRE2 R-ladder terminal of tone (Treble) 32 MID2 R-ladder terminal of tone (Mid) 33 BASSB2 34 BASSA2 Pin for setting the frequency characteristics of the tone (Bass) block 35 LOUD IN2 Pin for setting the frequency characteristics of the loudness block 36 VOL IN2 Input pin of the volume block 37 SELECT OUT2 Output pin of the input selector switch block 38 IND2 39 INC2 40 INB2 41 INA2 Input pin for channel 2 of the input selector switch block 42 VCC Analog power supply pin |
Numéro de pièce similaire - M62440FP |
|
Description similaire - M62440FP |