Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N3585 Fiches technique(PDF) 3 Page - Mospec Semiconductor

No de pièce 2N3585
Description  POWER TRANSISTORS(35W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOSPEC [Mospec Semiconductor]
Site Internet  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2N3585 Fiches technique(HTML) 3 Page - Mospec Semiconductor

  2N3585 Datasheet HTML 1Page - Mospec Semiconductor 2N3585 Datasheet HTML 2Page - Mospec Semiconductor 2N3585 Datasheet HTML 3Page - Mospec Semiconductor 2N3585 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


Numéro de pièce similaire - 2N3585

FabricantNo de pièceFiches techniqueDescription
logo
Boca Semiconductor Corp...
2N3585 BOCA-2N3585 Datasheet
224Kb / 4P
   COMPLEMENTARY MEDIUM-POWER HIGH VOLTAGE POWER TRANSISTORS
logo
Comset Semiconductor
2N3585 COMSET-2N3585 Datasheet
102Kb / 3P
   NPN SILICON POWER TRANSISTORS.
logo
Microsemi Corporation
2N3585 MICROSEMI-2N3585 Datasheet
64Kb / 3P
   5 Amp, 500V, High Voltage NPN Silicon Power Transistors
logo
Savantic, Inc.
2N3585 SAVANTIC-2N3585 Datasheet
140Kb / 3P
   Silicon NPN Power Transistors
logo
Microsemi Corporation
2N3585 MICROSEMI-2N3585 Datasheet
65Kb / 2P
   NPN HIGH POWER SILICON TRANSISTOR
More results

Description similaire - 2N3585

FabricantNo de pièceFiches techniqueDescription
logo
Mospec Semiconductor
2N6211 MOSPEC-2N6211 Datasheet
142Kb / 3P
   POWER TRANSISTORS(2A, 35W)
logo
Texas Instruments
PT3400 TI1-PT3400_14 Datasheet
330Kb / 15P
[Old version datasheet]   35W Output Power
logo
List of Unclassifed Man...
STK4863 ETC-STK4863 Datasheet
125Kb / 2P
   2CHANNEL 35W POWER AMPLIFIER
logo
Sanyo Semicon Device
STK401-060 SANYO-STK401-060 Datasheet
1Mb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
STK4161V SANYO-STK4161V Datasheet
247Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.08%)
STK4162II SANYO-STK4162II Datasheet
460Kb / 8P
   AF Power Amplifier (Split Power Supply) (35W 35W min, THD = 0.4%)
logo
DB Lectro Inc
RNP20S DBLECTRO-RNP20S Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
logo
Astrodyne Corporation
RS-35 ASTRODYNE-RS-35 Datasheet
448Kb / 2P
   35W Single Output Switching Power Supply
logo
RSG Electronic Componen...
RS-35 RSG-RS-35 Datasheet
149Kb / 2P
   35W Single Output Switching Power Supply
logo
Mean Well Enterprises C...
RS-35 MEANWELL-RS-35_11 Datasheet
379Kb / 2P
   35W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com