Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK3147 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SK3147
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3147 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SK3147 Datasheet HTML 1Page - Renesas Technology Corp 2SK3147 Datasheet HTML 2Page - Renesas Technology Corp 2SK3147 Datasheet HTML 3Page - Renesas Technology Corp 2SK3147 Datasheet HTML 4Page - Renesas Technology Corp 2SK3147 Datasheet HTML 5Page - Renesas Technology Corp 2SK3147 Datasheet HTML 6Page - Renesas Technology Corp 2SK3147 Datasheet HTML 7Page - Renesas Technology Corp 2SK3147 Datasheet HTML 8Page - Renesas Technology Corp 2SK3147 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
2SK3147(L), 2SK3147(S)
Rev.2.00 Sep 07, 2005 page 4 of 8
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
0.50
0.40
0.30
0.20
0.10
–40
0
40
80
120
160
0
0.1
0.3
1
3
10
30
100
50
20
5
10
1
2
0.5
VGS = 4 V
10 V
1, 2 A
5 A
25
°C
Tc = –25
°C
75
°C
Pulse Test
VDS = 10 V
Pulse Test
1, 2 A
5 A
0.1
0.3
1
3
10
30
100
010
20
30
40
50
2000
5000
1000
100
200
500
200
160
120
80
40
0
20
16
12
8
4
8
1624
3240
0
1000
500
50
100
20
10
200
500
300
30
100
3
10
1
0.1
0.3
1
3
10
30 100
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
10
20
50
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 5 A
VGS
VDS
VDD = 100 V
50 V
25 V
VDD = 100 V
50 V
25 V
tf
tr
td(on)
td(off)
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty < 1 %


Numéro de pièce similaire - 2SK3147

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK3147 HITACHI-2SK3147 Datasheet
54Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK3147 VBSEMI-2SK3147 Datasheet
1,008Kb / 7P
   N-Channel 100 V (D-S) MOSFET
logo
Hitachi Semiconductor
2SK3147L HITACHI-2SK3147L Datasheet
54Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
logo
VBsemi Electronics Co.,...
2SK3147L VBSEMI-2SK3147L Datasheet
1Mb / 9P
   N-Channel 100-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK3147L ISC-2SK3147L Datasheet
398Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Description similaire - 2SK3147

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com