Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ486ZU-TR-E Fiches technique(PDF) 1 Page - Renesas Technology Corp

No de pièce 2SJ486ZU-TR-E
Description  Silicon P Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ486ZU-TR-E Fiches technique(HTML) 1 Page - Renesas Technology Corp

  2SJ486ZU-TR-E Datasheet HTML 1Page - Renesas Technology Corp 2SJ486ZU-TR-E Datasheet HTML 2Page - Renesas Technology Corp 2SJ486ZU-TR-E Datasheet HTML 3Page - Renesas Technology Corp 2SJ486ZU-TR-E Datasheet HTML 4Page - Renesas Technology Corp 2SJ486ZU-TR-E Datasheet HTML 5Page - Renesas Technology Corp 2SJ486ZU-TR-E Datasheet HTML 6Page - Renesas Technology Corp 2SJ486ZU-TR-E Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Rev.3.00 Sep 07, 2005 page 1 of 6
2SJ486
Silicon P Channel MOS FET
REJ03G0869-0300
(Previous: ADE-208-512A)
Rev.3.00
Sep 07, 2005
Description
Low frequency power switching
Features
• Low on-resistance
RDS (on) = 0.5 Ω typ. (at VGS = –4 V, ID = –100 mA)
• 2.5 V gate drive devices.
• Small package (MPAK).
Outline
RENESAS Package code: PLSP0003ZB-A
(Package name: MPAK)
1. Source
2. Gate
3. Drain
D
S
G
1
2
3
Note: Marking is “ZU–”.


Numéro de pièce similaire - 2SJ486ZU-TR-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ486 HITACHI-2SJ486 Datasheet
41Kb / 8P
   Silicon P Channel MOS FET Low FrequencyPower Switching
More results

Description similaire - 2SJ486ZU-TR-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com