Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SJ77 Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SJ77
Description  Silicon P Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SJ77 Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SJ77 Datasheet HTML 1Page - Renesas Technology Corp 2SJ77 Datasheet HTML 2Page - Renesas Technology Corp 2SJ77 Datasheet HTML 3Page - Renesas Technology Corp 2SJ77 Datasheet HTML 4Page - Renesas Technology Corp 2SJ77 Datasheet HTML 5Page - Renesas Technology Corp 2SJ77 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SJ76, 2SJ77, 2SJ78, 2SJ79
Rev.2.00 Sep 07, 2005 page 5 of 5
Package Dimensions
0.5 ± 0.1
2.54 ± 0.5
0.76 ± 0.1
10.16 ± 0.2
2.54 ± 0.5
1.26 ± 0.15
4.44 ± 0.2
2.7 Max
1.5 Max
11.5 Max
9.5
8.0
φ 3.6
+0.1
–0.08
Package Name
PRSS0004AC-A
TO-220AB / TO-220ABV
MASS[Typ.]
1.8g
SC-46
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SJ76-E
500 pcs
Box (Sack)
2SJ77-E
500 pcs
Box (Sack)
2SJ78-E
500 pcs
Box (Sack)
2SJ79-E
500 pcs
Box (Sack)
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Numéro de pièce similaire - 2SJ77

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ77 HITACHI-2SJ77 Datasheet
33Kb / 6P
   Silicon P-Channel MOS FET
More results

Description similaire - 2SJ77

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com