Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SD2213TZ Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SD2213TZ
Description  Silicon NPN Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SD2213TZ Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SD2213TZ Datasheet HTML 1Page - Renesas Technology Corp 2SD2213TZ Datasheet HTML 2Page - Renesas Technology Corp 2SD2213TZ Datasheet HTML 3Page - Renesas Technology Corp 2SD2213TZ Datasheet HTML 4Page - Renesas Technology Corp 2SD2213TZ Datasheet HTML 5Page - Renesas Technology Corp 2SD2213TZ Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SD2213
Rev.2.00 Aug 10, 2005 page 5 of 5
Package Dimensions
0.60 Max
0.55 Max
4.8 ± 0.4
3.8 ± 0.4
0.5 Max
1.27
2.54
0.65 ± 0.1
0.75 Max
Package Name
PRSS0003DC-A
TO-92 Mod / TO-92 ModV
MASS[Typ.]
0.35g
SC-51
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SD2213TZ
2500
Hold Box, Radial Taping
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Numéro de pièce similaire - 2SD2213TZ

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results

Description similaire - 2SD2213TZ

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com