Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2328 Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce 2SK2328
Description  Silicon N Channel MOS FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2328 Fiches technique(HTML) 3 Page - Renesas Technology Corp

  2SK2328 Datasheet HTML 1Page - Renesas Technology Corp 2SK2328 Datasheet HTML 2Page - Renesas Technology Corp 2SK2328 Datasheet HTML 3Page - Renesas Technology Corp 2SK2328 Datasheet HTML 4Page - Renesas Technology Corp 2SK2328 Datasheet HTML 5Page - Renesas Technology Corp 2SK2328 Datasheet HTML 6Page - Renesas Technology Corp 2SK2328 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
2SK2328
Rev.2.00 Sep 07, 2005 page 3 of 6
Main Characteristics
Case Temperature TC (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
10
20
50
Drain to Source Voltage VDS (V)
Typical Output Characteristics
8
2
10
30
40
0
4
6
VGS = 3.5 V
Pulse Test
4.5 V
6 V
5 V
4 V
10 V
10
410
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
8
2
26
8
0
4
6
25
°C
VDS = 20 V
Pulse Test
–25
°C
TC = 75°C
20
820
Gate to Source Voltage VGS (V)
16
4
412
16
0
8
12
Drain to Source Saturation Voltage
vs. Gate to Source Voltage
Pulse Test
5 A
ID = 10 A
2 A
5
Drain Current ID (A)
2
0.2
0.1
0.5
1
Static Drain to Source on State
Resistance vs. Drain Current
Pulse Test
0.05
20
VGS = 10 V
15 V
0.5
1
2
5
10
50
100
75
50
25
0
50
100
150
200
1
3
10
30
100
300
1000
50
20
10
2
5
1
0.2
0.1
0.05
10
µs
1 ms
Operation in
this area is
limited by RDS(on)
Ta = 25
°C
0.5


Numéro de pièce similaire - 2SK2328

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK2328 HITACHI-2SK2328 Datasheet
32Kb / 6P
   Silicon N-Channel MOS FET
logo
Inchange Semiconductor ...
2SK2328 ISC-2SK2328 Datasheet
67Kb / 2P
   Fast Switching Speed
logo
VBsemi Electronics Co.,...
2SK2328 VBSEMI-2SK2328 Datasheet
1Mb / 10P
   N-Channel 6 50V (D-S) Power MOSFET
More results

Description similaire - 2SK2328

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com