Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK2084 Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SK2084
Description  Silicon N Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK2084 Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SK2084 Datasheet HTML 1Page - Renesas Technology Corp 2SK2084 Datasheet HTML 2Page - Renesas Technology Corp 2SK2084 Datasheet HTML 3Page - Renesas Technology Corp 2SK2084 Datasheet HTML 4Page - Renesas Technology Corp 2SK2084 Datasheet HTML 5Page - Renesas Technology Corp 2SK2084 Datasheet HTML 6Page - Renesas Technology Corp 2SK2084 Datasheet HTML 7Page - Renesas Technology Corp 2SK2084 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
2SK2084(L), 2SK2084(S)
Rev.2.00 Sep 07, 2005 page 4 of 7
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Drain Current ID (A)
Forward Transfer Admittance
vs. Drain Current
Reverse Drain Current IDR (A)
Body to Drain Diode Reverse
Recovery Time
Drain to Source Voltage VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge Qg (nc)
Dynamic Input Characteristics
Drain Current ID (A)
Switching Characteristics
0.20
0.16
0.12
0.08
0.04
–40
0
40
80
120
160
0
Pulse Test
VGS = 4 V
10 V
5 A
1 A
2 A
1 A
2 A
5 A
0.1
20
10
5
2
1
0.5
0.2
0.5
1
2
5
10
Tc = –25
°C
25
°C
75
°C
VDS = 10 V
Pulse Test
0.1
0.2
0.5
1
2
5
10
200
100
20
10
50
di / dt = 20 A /
µs
VGS = 0, Ta = 25°C
10000
1000
100
10
04
8
12
16
20
Ciss
Coss
Crss
VGS = 0
f = 1 MHz
50
40
30
20
10
0
8
16
24
32
40
20
16
12
8
4
0
VGS
VDS
VDD = 20 V
10 V
5 V
VDD = 20 V
10 V
5 V
0.1
0.2
0.5
1
2
5
10
200
100
20
10
50
VGS = 10 V
VDD = 20 V
PW = 5
µs
duty < 1 %
tf
tr
td(on)
td(off)


Numéro de pièce similaire - 2SK2084

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK2084 HITACHI-2SK2084 Datasheet
47Kb / 10P
   Silicon N-Channel MOS FET
2SK2084L HITACHI-2SK2084L Datasheet
47Kb / 10P
   Silicon N-Channel MOS FET
logo
VBsemi Electronics Co.,...
2SK2084L VBSEMI-2SK2084L Datasheet
959Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Inchange Semiconductor ...
2SK2084L ISC-2SK2084L Datasheet
318Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Hitachi Semiconductor
2SK2084S HITACHI-2SK2084S Datasheet
47Kb / 10P
   Silicon N-Channel MOS FET
More results

Description similaire - 2SK2084

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com