Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK216-E Fiches technique(PDF) 5 Page - Renesas Technology Corp

No de pièce 2SK216-E
Description  Silicon N Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK216-E Fiches technique(HTML) 5 Page - Renesas Technology Corp

  2SK216-E Datasheet HTML 1Page - Renesas Technology Corp 2SK216-E Datasheet HTML 2Page - Renesas Technology Corp 2SK216-E Datasheet HTML 3Page - Renesas Technology Corp 2SK216-E Datasheet HTML 4Page - Renesas Technology Corp 2SK216-E Datasheet HTML 5Page - Renesas Technology Corp 2SK216-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK213, 2SK214, 2SK215, 2SK216
Rev.2.00 Sep 07, 2005 page 5 of 5
Package Dimensions
0.5 ± 0.1
2.54 ± 0.5
0.76 ± 0.1
10.16 ± 0.2
2.54 ± 0.5
1.26 ± 0.15
4.44 ± 0.2
2.7 Max
1.5 Max
11.5 Max
9.5
8.0
φ 3.6
+0.1
–0.08
Package Name
PRSS0004AC-A
TO-220AB / TO-220ABV
MASS[Typ.]
1.8g
SC-46
RENESAS Code
JEITA Package Code
Unit: mm
Ordering Information
Part Name
Quantity
Shipping Container
2SK213-E
500 pcs
Box (Sack)
2SK214-E
500 pcs
Box (Sack)
2SK215-E
500 pcs
Box (Sack)
2SK216-E
500 pcs
Box (Sack)
Note:
For some grades, production may be terminated. Please contact the Renesas sales office to check the state of
production before ordering the product.


Numéro de pièce similaire - 2SK216-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK216 HITACHI-2SK216 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK216 RENESAS-2SK216 Datasheet
90Kb / 8P
   Old Company Name in Catalogs and Other Documents
logo
Inchange Semiconductor ...
2SK216 ISC-2SK216 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK2160 SANYO-2SK2160 Datasheet
84Kb / 3P
   Very High-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SK2160 VBSEMI-2SK2160 Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results

Description similaire - 2SK216-E

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com