Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SK216 Fiches technique(PDF) 3 Page - Renesas Technology Corp

No de pièce 2SK216
Description  Silicon N Channel MOS FET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK216 Fiches technique(HTML) 3 Page - Renesas Technology Corp

  2SK216 Datasheet HTML 1Page - Renesas Technology Corp 2SK216 Datasheet HTML 2Page - Renesas Technology Corp 2SK216 Datasheet HTML 3Page - Renesas Technology Corp 2SK216 Datasheet HTML 4Page - Renesas Technology Corp 2SK216 Datasheet HTML 5Page - Renesas Technology Corp 2SK216 Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
2SK213, 2SK214, 2SK215, 2SK216
Rev.2.00 Sep 07, 2005 page 3 of 5
Main Characteristics
50
100
0
Case Temperature TC (°C)
150
20
Power vs. Temperature Derating
40
60
100
200
300
Typical Output Characteristics
12
400
500
Drain to Source Voltage VDS (V)
TC = 25°C
3.0
VGS = 0.5 V
2.5
2.0
1.5
1.0
3.5
16
8
4
020
Typical Output Characteristics
0.8
VGS = 0.1 V
TC = 25°C
10
20
30
60
40
50
Drain to Source Voltage VDS (V)
80
40
20
0
100
0.7
0.6
0.5
0.4
0.3
0.2
Typical Transfer Characteristics
3
Gate Source Voltage VGS (V)
4
2
1
05
100
200
300
400
500
0
VDS = 20 V
Typical Transfer Characteristics
1.2
Gate Source Voltage VGS (V)
1.6
0.8
0.4
02.0
20
40
60
80
100
0
VDS = 20 V
Forward Transfer Admittance
vs. Drain Current
TC = 25°C
VDS = 20 V
50
Drain Current ID (mA)
100
10
5
2200
10
20
50
100
200
5
20


Numéro de pièce similaire - 2SK216

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SK216 HITACHI-2SK216 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
logo
Renesas Technology Corp
2SK216 RENESAS-2SK216 Datasheet
90Kb / 8P
   Old Company Name in Catalogs and Other Documents
logo
Inchange Semiconductor ...
2SK216 ISC-2SK216 Datasheet
304Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK2160 SANYO-2SK2160 Datasheet
84Kb / 3P
   Very High-Speed Switching Applications
logo
VBsemi Electronics Co.,...
2SK2160 VBSEMI-2SK2160 Datasheet
3Mb / 8P
   N-Channel 200 V (D-S) MOSFET
More results

Description similaire - 2SK216

FabricantNo de pièceFiches techniqueDescription
logo
Renesas Technology Corp
HAT2088R RENESAS-HAT2088R_15 Datasheet
110Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
H5N2802PF RENESAS-H5N2802PF_15 Datasheet
123Kb / 9P
   Silicon N Channel MOS FET Silicon N Channel MOS FET
HAT2093R RENESAS-HAT2093R_15 Datasheet
79Kb / 6P
   Silicon N Channel Power MOS FET Silicon N Channel Power MOS FET
logo
Hitachi Semiconductor
2SK1157 HITACHI-2SK1157 Datasheet
49Kb / 9P
   Silicon N-Channel MOS FET
2SK1301 HITACHI-2SK1301 Datasheet
48Kb / 9P
   Silicon N-Channel MOS FET
2SK1328 HITACHI-2SK1328 Datasheet
33Kb / 6P
   Silicon N-Channel MOS FET
2SK1526 HITACHI-2SK1526 Datasheet
50Kb / 9P
   Silicon N-Channel MOS FET
2SK619 HITACHI-2SK619 Datasheet
35Kb / 1P
   SILICON N-CHANNEL MOS FET
2SK1093 HITACHI-2SK1093 Datasheet
20Kb / 3P
   Silicon N-Channel MOS FET
logo
Panasonic Semiconductor
2SK1228 PANASONIC-2SK1228 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
2SK615 PANASONIC-2SK615 Datasheet
35Kb / 2P
   Silicon N-Channel MOS FET
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com