Moteur de recherche de fiches techniques de composants électroniques |
|
2SC2462LCTL-E Fiches technique(PDF) 4 Page - Renesas Technology Corp |
|
2SC2462LCTL-E Fiches technique(HTML) 4 Page - Renesas Technology Corp |
4 / 7 page 2SC2462 Rev.2.00 Aug 10, 2005 page 4 of 6 Collector Output Capacitance vs. Collector to Base Voltage Collector to Base Voltage VCB (V) 420 816 12 0 1 2 4 3 5 IE = 0 f = 1 MHz Emitter Input Capacitance vs. Emitter to Base Voltage Emitter to Base Voltage VEB (V) 210 48 6 0 1 2 4 3 5 IC = 0 f = 1 MHz Contours of Constant Noise Figure 0.1 0.2 0.5 1.0 2 5 10 Collector Current IC (mA) 0.05 0.1 0.2 1.0 0.5 2.0 VCE = 6 V f = 120 Hz NF = 1dB 2 3 4 6 8 8 6 10 12 14 Contours of Constant Noise Figure 0.1 0.2 0.5 1.0 2 5 10 Collector Current IC (mA) 0.05 0.1 0.2 1.0 0.5 2.0 3 4 3 8 4 8 2 1.0 VCE = 6 V f = 1 kHz NF = 0.5 dB Contours of Constant Noise Figure 0.1 0.2 0.5 1.0 2 5 10 Collector Current IC (mA) 0.05 0.1 0.2 1.0 0.5 2.0 1 2 VCE = 6 V f = 10 kHz NF = 0.5 dB 4 1 4 2 Noise Figure vs. Frequency 0 100 1k 3k 300 10k 30k 30 2 4 6 8 10 Frequency f (Hz) IC = 0.1 mA Rg = 500 Ω VCE = 6 V |
Numéro de pièce similaire - 2SC2462LCTL-E |
|
Description similaire - 2SC2462LCTL-E |