Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2SA1084ETZ-E Fiches technique(PDF) 4 Page - Renesas Technology Corp

No de pièce 2SA1084ETZ-E
Description  Silicon PNP Epitaxial
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RENESAS [Renesas Technology Corp]
Site Internet  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SA1084ETZ-E Fiches technique(HTML) 4 Page - Renesas Technology Corp

  2SA1084ETZ-E Datasheet HTML 1Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 2Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 3Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 4Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 5Page - Renesas Technology Corp 2SA1084ETZ-E Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SA1084, 2SA1085
Rev.3.00 Aug 10, 2005 page 4 of 5
Base to Emitter Saturation Voltage
vs. Collector Current
–10
–5
–2
–1.0
–0.5
–0.2
–0.1
–1
–5
–2
–20
–100
–10
–50
Collector Current IC (mA)
IC = 10 IB
Gain Bandwidth Product vs.
Collector Current
2,000
1,000
500
200
100
50
20
–1
–5
–20
–100
–2
–10
–50
Collector Current IC (mA)
VCE = –12 V
Collector Output Capacitance vs.
Collector to Base Voltage
100
50
20
10
5
2
1
–0.5
–2
–10
–50
–1.0
–5
–20
Collector to Base Voltage VCB (V)
IE = 0
f = 1 MHz
Contours of Constant Noise Figure (1)
100
30
10
3
1.0
0.3
0.1
0.03
10
6
2
1
4
0.01
–0.01
–0.1
–1.0
–10
–100
–0.03
–0.3
–3
–30
Collector Current IC (mA)
NF = 0.5 dB
VCE = –6 V
f = 1 kHz
Contours of Constant Noise Figure (2)
100
30
10
3
1.0
0.3
0.1
0.03
10
2 4 6
1
0.01
–0.01
–0.1
–1.0
–10
–100
–0.03
–0.3
–3
–30
Collector Current IC (mA)
NF = 0.5 dB
VCE = –6 V
f = 120 Hz
Collector Current IC (mA)
Contours of Constant Noise Figure (3)
100
30
10
3
1.0
0.3
0.1
0.03
1
0.01
–0.01
–0.1
–1.0
–10
–100
–0.03
–0.3
–3
–30
VCE = –6 V
f = 10 Hz
2
4 6 10
NF = 0.5 dB


Numéro de pièce similaire - 2SA1084ETZ-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1084 HITACHI-2SA1084 Datasheet
41Kb / 8P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA1084 RENESAS-2SA1084 Datasheet
162Kb / 9P
   Silicon PNP Epitaxial
logo
SeCoS Halbleitertechnol...
2SA1084 SECOS-2SA1084 Datasheet
83Kb / 1P
   PNP Plastic Encapsulated Transistor
logo
Jiangsu Changjiang Elec...
2SA1084 JIANGSU-2SA1084 Datasheet
410Kb / 3P
   TO-92 Plastic-Encapsulate Transistors
logo
Nanjing International G...
2SA1084 DGNJDZ-2SA1084 Datasheet
1Mb / 4P
   TO-92 Plastic-Encapsulate Transistors
More results

Description similaire - 2SA1084ETZ-E

FabricantNo de pièceFiches techniqueDescription
logo
Hitachi Semiconductor
2SA1025 HITACHI-2SA1025 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1122 HITACHI-2SA1122 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1350 HITACHI-2SA1350 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SA1617 HITACHI-2SA1617 Datasheet
24Kb / 5P
   Silicon PNP Epitaxial
2SB1026 HITACHI-2SB1026 Datasheet
25Kb / 5P
   Silicon PNP Epitaxial
2SB1407 HITACHI-2SB1407 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB738 HITACHI-2SB738 Datasheet
31Kb / 6P
   Silicon PNP Epitaxial
2SB791 HITACHI-2SB791 Datasheet
37Kb / 6P
   Silicon PNP Epitaxial
logo
Renesas Technology Corp
2SA2080 RENESAS-2SA2080 Datasheet
85Kb / 8P
   SILICON PNP EPITAXIAL
HIT647 RENESAS-HIT647_15 Datasheet
76Kb / 5P
   Silicon PNP Epitaxial
logo
New Jersey Semi-Conduct...
2SA495 NJSEMI-2SA495 Datasheet
137Kb / 2P
   SILICON PNP EPITAXIAL
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com