Moteur de recherche de fiches techniques de composants électroniques |
|
ST13003-K Fiches technique(PDF) 2 Page - STMicroelectronics |
|
ST13003-K Fiches technique(HTML) 2 Page - STMicroelectronics |
2 / 10 page Electrical ratings ST13003-K 2/10 1 Electrical ratings Table 2. Absolute maximum rating Symbol Parameter Value Unit VCES Collector-emitter voltage (VBE = 0) 700 V VCEO Collector-emitter voltage (IB = 0) 400 V VEBO Emitter-base voltage (IC = 0, IB = 0.75A, tp < 10µs) V(BR)EBO V IC Collector current 1.5 A ICM Collector peak current (tP < 5ms) 3 A IB Base current 0.75 A IBM Base peak current (tP < 5ms) 1.5 A Ptot Total dissipation at Tc = 25°C 40 W Tstg Storage temperature -55 to 150 °C TJ Max. operating junction temperature 150 °C |
Numéro de pièce similaire - ST13003-K_08 |
|
Description similaire - ST13003-K_08 |