Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC145151P2 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MC145151P2
Description  PLL Frequency Synthesizers (CMOS)
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC145151P2 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC145151P2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC145151P2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
MC145151-2 and MC145152-2 Technical Data, Rev. 5
10
Freescale Semiconductor
MC145152-2 Parallel-Input (Interfaces with Dual-Modulus Prescalers)
divide values respectively for high and low MC levels, N the number programmed into the
÷ N counter,
and A the number programmed into the
÷ A counter.
LD
Lock Detector Output (Pin 28)
Essentially a high level when loop is locked (fR, fV of same phase and frequency). Pulses low when loop
is out of lock.
2.2.3
Power Supply
VDD
Positive Power Supply (Pin 3)
The positive power supply potential. This pin may range from + 3 to + 9 V with respect to VSS.
VSS
Negative Power Supply (Pin 2)
The most negative supply potential. This pin is usually ground.
2.3
Typical Applications
Figure 7. Synthesizer for Land Mobile Radio VHF Bands
NOTES:
1. Off-chip oscillator optional.
2. The
φ
R and φV outputs are fed to an external combiner/loop filter. See the Phase-Locked Loop - Low-Pass Filter Design page
for additional information. The
φ
R and φV outputs swing rail-to-rail. Therefore, the user should be careful not to exceed the com-
mon mode input range of the op amp used in the combiner/loop filter.
LOCK DETECT SIGNAL
10.24 MHz
NOTE 1
R1
NOTE 2
+
150 - 175 MHz
5 kHz STEPS
÷ 64/65 PRESCALER
MC145152-2
MC
LD
A0
A5
N9
OSCin
VDD
VSS
OSCout
RA2
RA1
φ
R
φ
V
fin
-
VCO
RA0
N0
+ V
R1
R2
C
R2
C
“1"
“1"
“1"
NO CONNECTS
CHANNEL PROGRAMMING


Numéro de pièce similaire - MC145151P2

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC145151P2 MOTOROLA-MC145151P2 Datasheet
718Kb / 36P
   Parallel-Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
MC145151P2 LANSDALE-MC145151P2 Datasheet
2Mb / 35P
   Parallel-Input PLL Frequency Synthesizer Interfaces with Single-Modulus Prescalers
logo
NXP Semiconductors
MC145151P2 NXP-MC145151P2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
More results

Description similaire - MC145151P2

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
MC145151-2 NXP-MC145151-2 Datasheet
916Kb / 24P
   PLL Frequency Synthesizers (CMOS)
Rev. 5, 12/2004
logo
Sanyo Semicon Device
LC7219 SANYO-LC7219 Datasheet
310Kb / 14P
   PLL Frequency Synthesizers?
LC72140 SANYO-LC72140 Datasheet
364Kb / 20P
   PLL Frequency Synthesizers
logo
Motorola, Inc
MC145190 MOTOROLA-MC145190 Datasheet
345Kb / 24P
   1.1GHz PLL Frequency Synthesizers
logo
Sanyo Semicon Device
LM7008M SANYO-LM7008M Datasheet
201Kb / 9P
   Dual-PLL Frequency Synthesizers?
logo
Analog Devices
ADF4111 AD-ADF4111_15 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
ADF4116 AD-ADF4116_15 Datasheet
486Kb / 28P
   RF PLL Frequency Synthesizers
REV. D
ADF4110 AD-ADF4110 Datasheet
263Kb / 24P
   RF PLL Frequency Synthesizers
REV. 0
ADF4116 AD-ADF4116 Datasheet
226Kb / 20P
   RF PLL Frequency Synthesizers
REV. 0
ADF4110 AD-ADF4110_13 Datasheet
428Kb / 28P
   RF PLL Frequency Synthesizers
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com