Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC34673 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MC34673
Description  High Input Voltage 1.2A Charger for Single-cell Li-Ion Batteries
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC34673 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC34673 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC34673 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
Analog Integrated Circuit Device Data
10
Freescale Semiconductor
34673
ELECTRICAL CHARACTERISTICS
ELECTRICAL PERFORMANCE CURVES
Figure 16. RDS(ON) vs Temperature
VBAT = 4.0V, ICHG=300mA, IBAT= 250mA
Figure 17. Recharge Voltage Threshold vs Temperature
RISET = 25.86kΩ, VIN = 5.0V
Figure 18. BAT Pin Supply Current vs Temperature
VBAT = 5.0V, VIN Not Powered or Charger Disabled
Figure 19. VIN Pin Supply Current vs Temperature
VIN = 5.0V
-40
-20
0
20
406080
250
300
350
400
450
Temperature (
oC)
-40
-20
0
20
406080
3.90
3.95
4.00
4.05
4.10
4.15
4.20
Temperature (
oC)
-40
-20
0
204060
80
0.0
0.2
0.4
0.6
0.8
1.0
Temperature (
oC)
-40
-20
0
20
40
60
80
0
250
500
750
1000
1250
1500
1750
2000
Charger Enabled
Temperature (
oC)
Charger Disabled


Numéro de pièce similaire - MC34673

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC34670 FREESCALE-MC34670 Datasheet
720Kb / 24P
   IEEE 802.3af PD With Current Mode Switching Regulator
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
MC34671 NXP-MC34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEP FREESCALE-MC34671AEP Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671AEP/R2 FREESCALE-MC34671AEP/R2 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
More results

Description similaire - MC34673

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC34674 FREESCALE-MC34674_08 Datasheet
585Kb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
NXP Semiconductors
34671 NXP-34671 Datasheet
831Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
Rev. 1.0, 01/2008
logo
Freescale Semiconductor...
MC34671AEPR2 FREESCALE-MC34671AEPR2 Datasheet
602Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34671 FREESCALE-MC34671 Datasheet
601Kb / 22P
   High Input Voltage 600mA Charger for Single-cell Li-Ion Batteries
MC34674 FREESCALE-MC34674 Datasheet
1Mb / 26P
   High Input Voltage Travel Charger for Single-cell Li-Ion Batteries
logo
Intersil Corporation
ISL6292BCR INTERSIL-ISL6292BCR Datasheet
293Kb / 12P
   Complete Charger for Single-Cell Li-ion Batteries
April 19, 2005
ISL9219IRZ INTERSIL-ISL9219IRZ Datasheet
226Kb / 12P
   Complete Charger for Single-Cell Li-ion/Polymer Batteries
April 7, 2010
ISL9220B INTERSIL-ISL9220B_10 Datasheet
463Kb / 15P
   Switching Charger for 1-Cell Li-ion Batteries
logo
Texas Instruments
BQ294602 TI1-BQ294602_16 Datasheet
917Kb / 21P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
BQ294602 TI-BQ294602 Datasheet
676Kb / 17P
[Old version datasheet]   Single-Cell Protector for Li-Ion Batteries
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com