Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC33996EK Fiches technique(PDF) 2 Page - Freescale Semiconductor, Inc

No de pièce MC33996EK
Description  16 Output Switch with SPI Control
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC33996EK Fiches technique(HTML) 2 Page - Freescale Semiconductor, Inc

  MC33996EK Datasheet HTML 1Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 2Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 3Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 4Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 5Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 6Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 7Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 8Page - Freescale Semiconductor, Inc MC33996EK Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
Analog Integrated Circuit Device Data
2
Freescale Semiconductor
33996
IINTERNAL BLOCK DIAGRAM
IINTERNAL BLOCK DIAGRAM
Figure 2. 33996 Simplified Internal Block Diagram
ILimit
OUT0
RS
Short and
Open
Load
Detect
Over-temperature
Detect
SI
SCLK
VDD
Gate
Control
50V
GND (8)
Voltage
Regulator
Input
Buffers
OVD
RB
SFPDB
SCLK
CS
SI
SO
CSI
CSBI
To Gates
1to15
From Detectors 1to15
VPWR
SPI
Interface
Logic
OT
SF
OF
10
μA
25
μA
Bias
10
μA
10
μA
SFL
VDD
SOPWR
10
μA
Open
Load
Detect
Enable
Over-voltage
Detect
GE
VDD
Serial D/O
Line Driver
PWM
RST
CS
SO
VRef
50
μA
OUT1-15


Numéro de pièce similaire - MC33996EK

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC33996EK FREESCALE-MC33996EK Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
MC33996EKR2 FREESCALE-MC33996EKR2 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
More results

Description similaire - MC33996EK

FabricantNo de pièceFiches techniqueDescription
logo
Motorola, Inc
MC33996 MOTOROLA-MC33996 Datasheet
635Kb / 16P
   16-Output Switch with SPI Control
logo
Freescale Semiconductor...
33996 FREESCALE-33996 Datasheet
610Kb / 23P
   16-Output Switch with SPI Control
logo
Motorola, Inc
MC33999 MOTOROLA-MC33999 Datasheet
627Kb / 16P
   16-Output Switch with SPI and PWM Control
logo
Freescale Semiconductor...
MC33999 FREESCALE-MC33999 Datasheet
578Kb / 21P
   16-Output Switch with SPI and PWM Control
MCZ33999EK FREESCALE-MCZ33999EK Datasheet
708Kb / 21P
   16-Output Switch with SPI and PWM Control
33882 FREESCALE-33882 Datasheet
688Kb / 27P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Motorola, Inc
MC33882 MOTOROLA-MC33882 Datasheet
779Kb / 24P
   Six-Output Low-Side Switch with SPI and Parallel Input Control
logo
Freescale Semiconductor...
33882 FREESCALE-33882_11 Datasheet
1Mb / 31P
   Six Output Low Side Switch with SPI and Parallel Input Control
logo
NXP Semiconductors
MC33882 NXP-MC33882 Datasheet
1Mb / 30P
   Six Output Low-side Switch with SPI and Parallel Input Control
Rev. 11.0, 11/2014
logo
Infineon Technologies A...
TLE8110ED INFINEON-TLE8110ED Datasheet
2Mb / 74P
   Smart Multichannel Low Side Switch with Parallel Control and SPI Interface
Rev. 1.0 2018-03-07
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com