Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MC13224VR2 Fiches technique(PDF) 10 Page - Freescale Semiconductor, Inc

No de pièce MC13224VR2
Description  Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC13224VR2 Fiches technique(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC13224VR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC13224VR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
MC13224V Product Preview, Rev. 1.7
10
Freescale Semiconductor
Management control of onboard linear regulators and optional buck regulator
2.6.2.2
CRM Operation
The CRM has primary control of the entire system:
Reset and power up — After release of the hardware RESETB signal, the CRM will perform a
power up sequence of the MCU. The linear regulators and clock sources are managed for a graceful
start-up of the MCU and its resources. The radio is not powered until needed
Normal operation of MCU — The clock management of the MCU and its resources are controlled
by the CRM. The processor clock is programmable from low frequencies up to the maximum
reference frequency (13-26 MHz optional w/24 MHz standard) to allow the application to trade-off
processing speed versus power savings
Sleep modes and recovery — There are two sleep modes of Hibernate and Doze. The primary
difference is that Doze mode keeps the reference oscillator running. Both modes can retain critical
programmed parameters and have selectable sizes of RAM retention. Hibernate has lowest power,
but Doze allows high accuracy sleep timing. The CRM manages the recovery from low power,
similar to power-up from reset, providing regulator and clock management.
— Wake-up can be based on external interrupts through 4 KBI inputs
— Wake-up can be from internal interrupts
— Wake-up can be based on an RTI (wake-up) timer.
The RTI timer with 2 possible frequency sources provides a very low power wake-up option from
sleep
— One option is an onboard, low accuracy 2 kHz oscillator
— A second option is to add an external 32.768 kHz crystal for the RTI clock source
— A 32-bit timer allows greater than a 36.4 hour wake-up delay with the 32.768 crystal oscillator
Other features of the CRM:
— An optional COP watchdog timer to monitor CPU program activity
— A programmable software reset
2.6.3
Optional Buck Regulator
For battery based applications, an optional buck regulator is provided to maximize battery life. Figure 4
shows the configuration of the buck regulator versus the normal connection. An onboard MOSFET is used
as a switch with an external 100
μH inductor and 10μF capacitor when the buck regulator is enabled. The
buck regulator drops the higher battery voltage to 1.8 - 2.0 Vdc that is applied to the onboard linear
regulators. This allows lower net current from the battery to maximize the life of the battery.


Numéro de pièce similaire - MC13224VR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC13224VR2 NXP-MC13224VR2 Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
More results

Description similaire - MC13224VR2

FabricantNo de pièceFiches techniqueDescription
logo
Freescale Semiconductor...
MC1322X FREESCALE-MC1322X Datasheet
413Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13224VR2 FREESCALE-MC13224VR2 Datasheet
363Kb / 48P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
logo
NXP Semiconductors
MC1322X NXP-MC1322X Datasheet
603Kb / 54P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
Rev. 1.3 10/2010
logo
Freescale Semiconductor...
MC13224V FREESCALE-MC13224V_09 Datasheet
347Kb / 50P
   Advanced ZigBee?? Compliant Platform-in-Package (PiP) for the 2.4 GHz IEEE짰 802.15.4 Standard
MC13211 FREESCALE-MC13211_08 Datasheet
871Kb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X_09 Datasheet
862Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1321X FREESCALE-MC1321X Datasheet
870Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
logo
NXP Semiconductors
MC1321X NXP-MC1321X Datasheet
1Mb / 70P
   ZigBee?? Compliant Platform -2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
Rev. 1.8 08/2009
logo
Freescale Semiconductor...
MC13211 FREESCALE-MC13211 Datasheet
867Kb / 70P
   ZigBee?? Compliant Platform - 2.4 GHz Low Power Transceiver for the IEEE짰 802.15.4 Standard plus Microcontroller
MC1323X FREESCALE-MC1323X_1 Datasheet
514Kb / 38P
   Low Cost SoC Remote Control Platform for the 2.4 GHz IEEE짰 802.15.4 Standard
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com