Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LD1086XX25 Fiches technique(PDF) 9 Page - STMicroelectronics

No de pièce LD1086XX25
Description  1.5 A low drop positive voltage regulator adjustable and fixed 
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD1086XX25 Fiches technique(HTML) 9 Page - STMicroelectronics

Back Button LD1086XX25 Datasheet HTML 5Page - STMicroelectronics LD1086XX25 Datasheet HTML 6Page - STMicroelectronics LD1086XX25 Datasheet HTML 7Page - STMicroelectronics LD1086XX25 Datasheet HTML 8Page - STMicroelectronics LD1086XX25 Datasheet HTML 9Page - STMicroelectronics LD1086XX25 Datasheet HTML 10Page - STMicroelectronics LD1086XX25 Datasheet HTML 11Page - STMicroelectronics LD1086XX25 Datasheet HTML 12Page - STMicroelectronics LD1086XX25 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
LD1086xx
Electrical characteristics
9/38
5
Electrical characteristics
Table 4.
Electrical characteristics of LD1086#15
(VI = 4.5 V, CI = CO =10 µF, TA = -40 to 125 °C, unless otherwise specified).
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VO
Output voltage (1)
1.
See short-circuit current curve for available output current at fixed dropout.
IO = 0 mA, TJ = 25°C
1.485
1.5
1.515
V
IO = 0 to 1.5A, VI = 3.4 to 30V
1.47
1.5
1.53
V
ΔVO
Line regulation
IO = 0 mA, VI = 3.1 to 18V, TJ = 25°C
0.2
4
mV
IO = 0 mA, VI = 3.1 to 15V
0.4
4
mV
ΔVO
Load regulation
IO = 0 to 1.5A, TJ = 25°C
0.5
8
mV
IO = 0 to 1.5A
1
16
mV
Vd
Dropout voltage
IO = 1.5A
1.3
1.5
V
Iq
Quiescent current
VI ≤ 30V
5
10
mA
Isc
Short circuit current
VI - VO = 5V
1.5
2
A
VI - VO = 25V
0.05
0.02
A
Thermal regulation
TA = 25°C, 30ms pulse
0.01
0.04
%/W
SVR
Supply voltage rejection
f = 120 Hz, CO = 25 µF, IO = 1.5A
VI = 6.5 ± 3V
60
82
dB
eN
RMS Output noise voltage (% of
VO)
TA = 25°C, f =10Hz to 10kHz
0.003
%
S
Temperature stability
0.5
%
S
Long term stability
TA = 125°C, 1000Hrs
0.5
%


Numéro de pièce similaire - LD1086XX25

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
LD1086XX25 STMICROELECTRONICS-LD1086XX25 Datasheet
584Kb / 37P
   1.5A Low drop positive voltage regulator adjustable and fixed
LD1086XX25 STMICROELECTRONICS-LD1086XX25 Datasheet
1Mb / 39P
   1.5 A low drop positive voltage regulator adjustable and fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38