Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST92124JDV2QC Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce ST92124JDV2QC
Description  8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TMEMULATED EEPROM, CAN 2.0B AND J1850 BLPD
Download  426 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92124JDV2QC Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button ST92124JDV2QC Datasheet HTML 4Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 5Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 6Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 7Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 8Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 9Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 10Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 11Page - STMicroelectronics ST92124JDV2QC Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 426 page
background image
8/426
ST92F124/F150/F250 - GENERAL DESCRIPTION
Figure 4. ST92F150JDV1: Architectural Block Diagram
256 bytes
Register File
ST9 CORE
8/16 bit
CPU
Interrupt
Management
RCCU
WATCHDOG
AS
DS
RW
WAIT
NMI
DS2
RW
MISO
MOSI
SCK
SS
EF TIMER 0
ST. TIMER
SPI
SCI M
TXCLK
RXCLK
SIN
DCD
SOUT
CLKOUT
RTS
WDOUT
HW0SW1
STOUT
ICAPA0
OCMPA0
ICAPB0
OCMPB0
EXTCLK0
Fully Prog.
I/Os
P0[7:0]
P1[7:0]
P2[7:0]
P3[7:1]
P4[7:0]
P5[7:0]
P6[5:0]
P7[7:0]
P8[7:0]
P9[7:0]
RDI
TDO
MF TIMER 0
TINPA0
TOUTA0
TINPB0
TOUTB0
ICAPA1
OCMPA1
ICAPB1
OCMPB1
EXTCLK1
TINPA1
TOUTA1
TINPB1
TOUTB1
INT[6:0]
WKUP[15:0]
EF TIMER 1
MF TIMER 1
SCI A
OSCIN
OSCOUT
RESET
CLOCK2/8
CLOCK2
INTCLK
CK_AF
ADC
AVDD
AVSS
AIN[15:0]
EXTRG
SDA
SCL
I2C BUS
VPWI
VPWO
J1850
JBLPD
A[7:0]
D[7:0]
A[21:8]
Ext. MEM.
ADDRESS
DATA
Port0
Ext. MEM.
ADDRESS
Ports 1,9
RAM
6 Kbytes
FLASH
128 Kbytes
E3 TM
1K byte
The alternate functions (Italic characters) are mapped on Port0, Port1, Port2, Port3, Port4, Port5, Port6, Port7,
RX0
TX0
CAN_0
RX1
TX1
CAN_1
VREG
VOLTAGE
REGULATOR
Port8 and Port9.
RDI
TDO
1


Numéro de pièce similaire - ST92124JDV2QC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST92124JDV2QC STMICROELECTRONICS-ST92124JDV2QC Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
More results

Description similaire - ST92124JDV2QC

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
ST92F124 STMICROELECTRONICS-ST92F124_06 Datasheet
4Mb / 429P
   8/16-BIT SINGLE VOLTAGE FLASH MCU FAMILY WITH RAM, E3 TM(EMULATED EEPROM), CAN 2.0B AND J1850 BLPD
ST92F120 STMICROELECTRONICS-ST92F120 Datasheet
1Mb / 320P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
ST92F120V9 STMICROELECTRONICS-ST92F120V9 Datasheet
3Mb / 324P
   8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
September 2002 Rev. 2.6
logo
ATMEL Corporation
T89C51CC01 ATMEL-T89C51CC01 Datasheet
1Mb / 146P
   Enhanced 8-bit MCU with CAN controller and Flash
logo
STMicroelectronics
ST7FOXA0 STMICROELECTRONICS-ST7FOXA0 Datasheet
1Mb / 123P
   8-bit MCU with single voltage Flash memory
February 2008 Rev 3
logo
Holtek Semiconductor In...
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST10F271B STMICROELECTRONICS-ST10F271B Datasheet
1Mb / 180P
   16-bit MCU with 128 Kbyte Flash memory and 8/12 Kbyte RAM
logo
Holtek Semiconductor In...
HT68F016 HOLTEK-HT68F016 Datasheet
1Mb / 116P
   Enhanced Flash Type 8-Bit MCU with EEPROM
logo
STMicroelectronics
ST7LITE49M STMICROELECTRONICS-ST7LITE49M Datasheet
1Mb / 188P
   8-bit MCU with single voltage Flash memory data EEPROM, ADC, 8/12-bit timers, and I짼C interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com