Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDS6990AS Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FDS6990AS
Description  Dual 30V N-Channel PowerTrench SyncFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDS6990AS Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  FDS6990AS_08 Datasheet HTML 1Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 2Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 3Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 4Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 5Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 6Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 7Page - Fairchild Semiconductor FDS6990AS_08 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
www.fairchildsemi.com
FDS6990AS Rev. A1
Typical Characteristics (continued)
VDS
L
Figure 15. Unclamped Inductive
Load Test Circuit
Figure 17. Gate Charge Test Circuit
Figure 18. Gate Charge Waveform
Figure 19. Switching Time
Test Circuit
Figure 20. Switching Time Waveforms
Figure 16. Unclamped Inductive
Waveforms
RGE
DUT
VGS
IAS
0.01
VDD
+
tp
0V
vary tP to obtain
required peak IAS
VGS
tAV
tP
IAS
VDS
VDD
BVDSS
VDS
RL
RGEN
DUT
VDD
VGS
Pulse Width
≤ 1µs
Duty Cycle
≤ 0.1%
VGS
+
tr
tf
td(ON)
td(OFF)
tON
tOFF
Pulse Width
10%
10%
90%
10%
90%
50%
90%
50%
0V
0V
VGS
VDS
VGS
QGS
QGD
QG(TOT)
10V
Charge, (nC)
DUT
VDD
VGS
Ig(REF)
+
+
-
Same type as DUT
Drain Current
1F
10 F
10V
50k


Numéro de pièce similaire - FDS6990AS_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6990AS_NL FAIRCHILD-FDS6990AS_NL Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
More results

Description similaire - FDS6990AS_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDS6990AS FAIRCHILD-FDS6990AS Datasheet
542Kb / 8P
   Dual 30V N-Channel PowerTrench SyncFET
FDS6990S FAIRCHILD-FDS6990S Datasheet
86Kb / 6P
   Dual 30V N-Channel PowerTrench SyncFET
FDP6644S FAIRCHILD-FDP6644S Datasheet
160Kb / 6P
   30V N-Channel PowerTrench SyncFET?
FDS6680AS FAIRCHILD-FDS6680AS Datasheet
551Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6699S FAIRCHILD-FDS6699S Datasheet
526Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDD6676AS FAIRCHILD-FDD6676AS Datasheet
120Kb / 8P
   30V N-Channel PowerTrench SyncFET
FDS6676S FAIRCHILD-FDS6676S Datasheet
121Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS7764S FAIRCHILD-FDS7764S Datasheet
127Kb / 7P
   30V N-Channel PowerTrench SyncFET
FDP6670AS FAIRCHILD-FDP6670AS Datasheet
100Kb / 6P
   30V N-Channel PowerTrench SyncFET
FDS6688S FAIRCHILD-FDS6688S Datasheet
164Kb / 6P
   30V N-Channel PowerTrench SyncFET
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com